전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3128D2DAP 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3128D2DAP
상세설명  2x30-W Class-D Amplifier With Low Idle Power Dissipation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3128D2DAP Datasheet HTML 6Page - Texas Instruments TPA3128D2DAP Datasheet HTML 7Page - Texas Instruments TPA3128D2DAP Datasheet HTML 8Page - Texas Instruments TPA3128D2DAP Datasheet HTML 9Page - Texas Instruments TPA3128D2DAP Datasheet HTML 10Page - Texas Instruments TPA3128D2DAP Datasheet HTML 11Page - Texas Instruments TPA3128D2DAP Datasheet HTML 12Page - Texas Instruments TPA3128D2DAP Datasheet HTML 13Page - Texas Instruments TPA3128D2DAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50 100 200
D026
Gain=26dB
PVCC=24V
TA=25qC
RL=3:
f= 20Hz
f= 1kHz
f= 6KHz
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
D027
Gain=26dB
TA=25qC
RL=3:
THD+N=1%
THD+N=10%
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
D024
Gain=26dB
TA=25qC
RL=2:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
Frequency (Hz)
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D025
Gain=26dB
PVCC=12VDC+200mVP-P
TA=25qC
RL=2:
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
D022
Gain=26dB
PVCC=12V
TA=25qC
RL=2:
f= 20Hz
f= 1kHz
f= 6KHz
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100
120
140
160
180
D023
Gain=26dB
TA=25qC
RL=2:
THD+N=1%
THD+N=10%
10
TPA3128D2
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Ultra Low Idle Loss Mode, TPA3128D2EVM Tested With AP2722. (unless otherwise noted)
Figure 20. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 21. Maximum Output Power (PBTL) vs Supply
Voltage
Figure 22. Power Efficiency (PBTL) vs Output Power
Figure 23. Supply Ripple Rejection Ratio (PBTL) vs
Frequency
Figure 24. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 25. Maximum Output Power (PBTL) vs Supply
Voltage


유사한 부품 번호 - TPA3128D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3128D2DAP TI1-TPA3128D2DAP Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAPR TI1-TPA3128D2DAPR Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
More results

유사한 설명 - TPA3128D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Infineon Technologies A...
MA2304PNS INFINEON-MA2304PNS Datasheet
2Mb / 43P
   2x37 W, 10 to 20 V, Ultra‑Low Idle Power, MERUS Multilevel Switching Class‑D Audio Amplifier with Inductor‑Less Operation
INTV2.1.9 August, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com