전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2011IMPX 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN2011IMPX
상세설명  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011IMPX 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2011IMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2011IMPX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.2
Mechanical Dimensions
3x3mm 6-Lead MLP
Ordering Information
Product Number
Output Voltage
Package Type
Ambient Operating
Temperature
Order Code
FAN2011
Adjustable
3x3mm 6-Lead MLP
0°C to 85°C
FAN2011MPX
FAN2012
Adjustable
3x3mm 6-Lead MLP
0°C to 85°C
FAN2012MPX
FAN2011I
Adjustable
3x3mm 6-Lead MLP
-40°C to 85°C
FAN2011IMPX
FAN2012I
Adjustable
3x3mm 6-Lead MLP
-40°C to 85°C
FAN2012IMPX


유사한 부품 번호 - FAN2011IMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2011I FAIRCHILD-FAN2011I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

유사한 설명 - FAN2011IMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com