전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS2582 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS2582
상세설명  N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2582 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS2582 Datasheet HTML 1Page - Fairchild Semiconductor FDS2582 Datasheet HTML 2Page - Fairchild Semiconductor FDS2582 Datasheet HTML 3Page - Fairchild Semiconductor FDS2582 Datasheet HTML 4Page - Fairchild Semiconductor FDS2582 Datasheet HTML 5Page - Fairchild Semiconductor FDS2582 Datasheet HTML 6Page - Fairchild Semiconductor FDS2582 Datasheet HTML 7Page - Fairchild Semiconductor FDS2582 Datasheet HTML 8Page - Fairchild Semiconductor FDS2582 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDS2582 Rev. B
Typical Characteristics T
A = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
1
2
3
4
5
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
VGS = 10V
0.001
0.01
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
102
103
2
t , RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
RθJA=50
oC/W
1
10
100
400
10-5
10-4
10-3
10-2
10-1
100
101
102
103
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
TA = 25
oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


유사한 부품 번호 - FDS2582

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDS2582-NL VBSEMI-FDS2582-NL Datasheet
990Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

유사한 설명 - FDS2582

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD2582 FAIRCHILD-FDD2582 Datasheet
268Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 21A, 66m
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com