전자부품 데이터시트 검색엔진 |
|
HPR12K-00 데이터시트(PDF) 1 Page - Emerson Network Power |
|
HPR12K-00 데이터시트(HTML) 1 Page - Emerson Network Power |
1 / 6 page Rev.06.09.10 HPR12K-00 1 of 6 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 Embedded Power for Business-Critical Continuity Operating Instructions 1. General Install Connecting the input power cable, output load cable and communication wire according to the below figure. HPR12K-00 AC INPUT AC INPUT AC INPUT AC INPUT Main DC Output Aux. DC Output I2C/PMBus Communication Main DC Output AC Line Input 2. General Settings Unless otherwise specified, when the PSON# switch is de-asserted (48V o/p is disabled). It is means Manual ON/OFF DIP switch SW1 should be default according to below table. And It must be checked before shipping. Power Supplies Status PSU 1# PSU 2# PSU 3# PSU 4# CH 1 CH 2 CH 3 CH 4 CH 5 CH 6 CH 7 CH8 OFF Up Down Up Down Up Down Up Down Note 1. The status Down means set to ON position. The status UP means set to OFF position. Note 2. Programming Switch SW1 default settings: PSON switches : OFF PSKILL switches : ON DIP switch SW1 setting as a default |
유사한 부품 번호 - HPR12K-00 |
|
유사한 설명 - HPR12K-00 |