전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HM71 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HM71
상세설명  Green and Blue 5mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM71 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Avago Technologies
- 7 -
HLMP-HM70/HM71, HLMP-HB70/HB71
Data Sheet
Precautions
Precautions
Lead Forming
The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
For better control, it is recommended to use the proper
tool to precisely form and cut the leads to the applicable
length rather than doing it manually.
If manual lead cutting is necessary, cut the leads after the
soldering process. The solder connection forms a
mechanical ground that prevents mechanical stress due to
lead cutting from traveling into LED package. This is highly
recommended for hand soldering operation, as the excess
lead length also acts as small heat sink.
Soldering and Handling
Take care during PCB assembly and soldering process to
prevent damage to the LED component.
LED component may be effectively hand soldered to PCB.
However, it is recommended only under unavoidable
circumstances, such as rework. The closest manual
soldering distance of the soldering heat source (soldering
iron’s tip) to the body is 1.59 mm. Soldering the LED using
soldering iron tip closer than 1.59 mm might damage the
LED.
ESD precautions must be properly applied on the
soldering station and personnel to prevent ESD damage to
the LED component that is ESD sensitive. Refer to Avago
application note AN 1142 for details. The soldering iron
used should have a grounded tip to ensure electrostatic
charge is properly grounded.
Recommended soldering condition:
Wave soldering parameters must be set and maintained
according to the recommended temperature and dwell
time. The customer is advised to perform daily checks on
the soldering profile to ensure that it is always conforming
to recommended soldering conditions.
NOTE
PCBs with different size and design
(component density) will have different heat
mass (heat capacity). This might cause a
change in temperature experienced by the
board if the same wave soldering setting is
used. So, it is recommended to recalibrate the
soldering profile again before loading a new
type of PCB.
Avago Technologies LED Configuration
Any alignment fixture that is being applied during wave
soldering should be loosely fitted and should not apply
weight or force on LED. Nonmetal material is
recommended as it will absorb less heat during wave
soldering process.
At elevated temperature, LED is more susceptible to
mechanical stress. Therefore, the PCB must allowed to cool
down to room temperature prior to handling, which
includes removal of alignment fixture or pallet.
If the PCB board contains both through hole (TH) LED and
other surface mount components, it is recommended that
surface mount components be soldered on the top side of
the PCB. If the surface mount must be on the bottom side,
these components should be soldered using reflow
soldering prior to insertion the TH LED.
Wave
Solderinga,b
a.
Above conditions refer to measurement with thermocouple mounted
at the bottom of PCB.
b.
It is recommended to use only bottom preheaters in order to reduce
thermal stress experienced by LED.
Manual Solder
Dipping
Pre-heat temperature
105 °C Max.
Preheat time
60 sec Max
Peak temperature
260 °C Max.
260 °C Max.
Dwell time
5 sec Max.
5 sec Max
1.59mm
Cathode
InGaN device


유사한 부품 번호 - HLMP-HM71

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM74 AVAGO-HLMP-HM74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HM75 AVAGO-HLMP-HM75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

유사한 설명 - HLMP-HM71

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com