전자부품 데이터시트 검색엔진 |
|
LM3822MM-2.0 데이터시트(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM3822MM-2.0 데이터시트(HTML) 7 Page - National Semiconductor (TI) |
7 / 12 page Typical Application Circuits In the application circuits, the 0.1 µF ceramic capacitor between pins 1 and 2 is used for bypassing, and the 0.1 µF ceramic capacitor between pins 3 and 4 is used for filtering. Shutdown (SD) is tied to VDD through a 10 k Ω resistor. (Continued) DS101249-7 FIGURE 2. Paralleling LM3822 for Higher Load Current I TOTAL = 2.2(D1−0.5)IMAX + 2.2(D2−0.5)IMAX where D 1 is the duty cycle of PWM1 and D2 is the duty cycle of PWM2. Please refer to the Product Operation section for more information. DS101249-8 FIGURE 3. High Voltage Operation — V IN Greater Than 5.5V (High Side Sense) (PWM output is referred to Pin 6) www.national.com 7 |
유사한 부품 번호 - LM3822MM-2.0 |
|
유사한 설명 - LM3822MM-2.0 |