전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8-1393113-3 데이터시트(PDF) 3 Page - TE Connectivity Ltd

부품명 8-1393113-3
상세설명  Magnetic blow-out
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393113-3 데이터시트(HTML) 3 Page - TE Connectivity Ltd

  8-1393113-3 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393113-3 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393113-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KUEP Series Panel Plug-in Relay (Continued)
12-2016, Rev. 1216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
1 Form X
2 Form A
2 Form C
Product code structure
Typical product code
KUEP
-3
A
1
5
-120
Type
KUEP Enclosed relay with magnetic blow-outs
Contact arrangement and rating
3
1 form X (1 NO-DM)
7
2 form A (2 NO)
11 2 form C (2 CO)
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
1
Socket mount (plain) case
3
Socket mount (plain) case, with indicator lamp 1)
5
Bracket mount case
A Plain case with #6-32 stud and locating tab
E Plain case with #6-32 tapped core and locating tab
T
Top flange case
1) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC.
Only models with 120-240VAC coils are UL recognized.
Terminal and contact material
5
4.75mm (.187in) quick connect/solder; AgCdO
6
5.21mm (.205in) quick connect/solder; AgCdO
7
1.19mm (.047in) PCB, AgCdO
P 4.75mm (.187in) quick connect/solder; AgSnOInO
R 5.21mm (.205in) quick connect/solder; AgSnOInO
S 1.19mm (.047in) PCB, AgSnOInO
Coil voltage
Coil code: please refer to coil versions table
Product Code
Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUEP-3A15-120
1 Form X, 1 NO-DM
AgCdO
120 VAC
4.75mm (.187in) QC
Socket mount, plain case
9-1393113-4
KUEP-3D15-12
12 VDC
9-1393113-8
KUEP-3D15-24
24 VDC
1393114-1
KUEP-3D15-48
48 VDC
1393114-2
KUEP-3D15-110
110 VDC
9-1393113-7
KUEP-3D35-24
24 VDC
Socket mount, plain case w/ indicator lamp
1393114-5
KUEP-7D15-24
2 Form A, 2 NO
Socket mount, plain case
1-1393114-1
KUEP-11A15-120
2 Form C, 2 CO
120 VAC
8-1393113-3
KUEP-11D15-12
12 VDC
8-1393113-6
KUEP-11D15-24
24 VDC
8-1393113-7
KUEP-11D15-48
48 VDC
8-1393113-8
KUEP-11D15-110
110 VDC
8-1393113-5
4
6
AB
A
B
7
4
9
6
7
4
A
B
1
9
6
3
+
+
+
+
+
Load polarity noted above is recommended for optimum arc suppression.
PCB layout
Bottom view on solder pins
1 form X version
2 form C version shown
(Omit unnecessary holes for
form A types)
.875
(22.23)
.626
(15.90)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.328
(8.33)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)


유사한 부품 번호 - 8-1393113-3

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
8-1393114-1 TEC-8-1393114-1 Datasheet
317Kb / 3P
   Side flange and top flange mounting
8-1393114-4 TEC-8-1393114-4 Datasheet
317Kb / 3P
   Side flange and top flange mounting
8-1393114-5 TEC-8-1393114-5 Datasheet
317Kb / 3P
   Side flange and top flange mounting
8-1393114-7 TEC-8-1393114-7 Datasheet
317Kb / 3P
   Side flange and top flange mounting
8-1393114-8 TEC-8-1393114-8 Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results

유사한 설명 - 8-1393113-3

제조업체부품명데이터시트상세설명
logo
Schneider Electric
XKMA992 SCHNEIDER-XKMA992 Datasheet
113Kb / 2P
   contact block - magnetic contact blow-out - compatible with XKM
Feb 10, 2022
XKMA991 SCHNEIDER-XKMA991 Datasheet
108Kb / 2P
   contact block - standard contact blow-out - compatible with XKM
Feb 10, 2022
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
   Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com