전자부품 데이터시트 검색엔진 |
|
SA12 데이터시트(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd |
|
SA12 데이터시트(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd |
4 / 6 page SA5.0A---SA440CA Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A Type Number Reverse Stand-Off Voltage Breakdown Voltage Min. @IT Breakdown Voltage Max. @ IT Test Current Maximum Clamping Voltage @IPP Peak Pulse Current Reverse Leakage @VRMW (Uni) (Bi) VRMW(V) VBR MIN(V) VBR MAX(V) IT (mA) VC(V) IPP(A) IR(uA) SA78A SA78CA 78 86.0 95.8 1.0 126 4.0 3.0 SA85 SA85C 85 94.0 115 1.0 151 3.4 3.0 SA85A SA85CA 85 94.0 104 1.0 137 3.7 3.0 SA90 SA90C 90 100 122 1.0 160 3.2 3.0 SA90A SA90CA 90 100 111 1.0 146 3.3 3.0 SA100 SA100C 100 111 136 1.0 179 2.8 3.0 SA100A SA100CA 100 111 123 1.0 162 3.1 3.0 SA110 SA110C 110 122 149 1.0 196 2.6 3.0 SA110A SA110CA 110 122 135 1.0 177 2.9 3.0 SA120 SA120C 120 133 163 1.0 214 2.4 3.0 SA120A SA120CA 120 133 147 1.0 193 2.6 3.0 SA130 SA130C 130 144 176 1.0 231 2.2 3.0 SA130A SA130CA 130 144 159 1.0 209 2.4 3.0 SA150 SA150C 150 167 204 1.0 268 1.9 3.0 SA150A SA150CA 150 167 185 1.0 243 2.1 3.0 SA160 SA160C 160 178 218 1.0 287 1.7 3.0 SA160A SA160CA 160 178 197 1.0 259 2.0 3.0 SA170 SA170C 170 189 231 1.0 304 1.7 3.0 SA170A SA170CA 170 189 209 1.0 275 1.9 3.0 SA180 SA180C 180 200 244 1.0 321 1.56 3.0 SA180A SA180CA 180 200 221 1.0 290 1.73 3.0 SA190 SA190C 190 211 258 1.0 339 1.48 3.0 SA190A SA190CA 190 211 233 1.0 306 1.64 3.0 SA200 SA200C 200 222 271 1.0 356 1.41 3.0 SA200A SA200CA 200 222 245 1.0 322 1.56 3.0 SA210 SA210C 210 233 285 1.0 375 1.34 3.0 SA210A SA210CA 210 233 258 1.0 339 1.48 3.0 SA220 SA220C 220 244 298 1.0 392 1.29 3.0 SA220A SA220CA 220 244 270 1.0 355 1.42 3.0 SA250 SA250C 250 278 340 1.0 447 1.13 3.0 SA250A SA250CA 250 278 307 1.0 403 1.25 3.0 SA300 SA300C 300 333 407 1.0 535 0.94 3.0 SA300A SA300CA 300 333 368 1.0 484 1.04 3.0 SA350 SA350C 350 389 475 1.0 624 0.81 3.0 SA350A SA350CA 350 389 430 1.0 565 0.89 3.0 SA400 SA400C 400 444 523 1.0 687 0.74 3.0 ※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double WWW.SEMITECH.CN |
유사한 부품 번호 - SA12 |
|
유사한 설명 - SA12 |