전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ40CA 데이터시트(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

부품명 SMAJ40CA
상세설명  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
홈페이지  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMAJ40CA 데이터시트(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMAJ40CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ40CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ40CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ40CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ40CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAJ Series
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ5.0A
SMAJ5.0CA
HE
TE
5.0
6.40
7.00
10
9.2
43.5
800
SMAJ6.0A
SMAJ6.0CA
HG
TG
6.0
6.67
7.37
10
10.3
38.8
800
SMAJ6.5A
SMAJ6.5CA
HK
TK
6.5
7.22
7.98
10
11.2
35.7
500
SMAJ7.0A
SMAJ7.0CA
HM
TM
7.0
7.78
8.60
10
12.0
33.3
200
SMAJ7.5A
SMAJ7.5CA
HP
TP
7.5
8.33
9.21
1
12.9
31.0
100
SMAJ8.0A
SMAJ8.0CA
HR
TR
8.0
8.89
9.83
1
13.6
29.4
50
SMAJ8.5A
SMAJ8.5CA
HT
TT
8.5
9.44
10.40
1
14.4
27.8
20
SMAJ9.0A
SMAJ9.0CA
HV
TV
9.0
10.0
11.10
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
HX
TX
10.0
11.10
12.30
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
HZ
TZ
11.0
12.20
13.50
1
18.2
22.0
1
SMAJ12A
SMAJ12CA
IE
UE
12.0
13.30
14.70
1
19.9
20.1
1
SMAJ13A
SMAJ13CA
IG
UG
13.0
14.40
15.90
1
21.5
18.6
1
SMAJ14A
SMAJ14CA
IK
UK
14.0
15.60
17.20
1
23.2
17.2
1
SMAJ15A
SMAJ15CA
IM
UM
15.0
16.70
18.50
1
24.4
16.4
1
SMAJ16A
SMAJ16CA
IP
UP
16.0
17.80
19.70
1
26.0
15.4
1
SMAJ17A
SMAJ17CA
IR
UR
17.0
18.90
20.90
1
27.6
14.5
1
SMAJ18A
SMAJ18CA
IT
UT
18.0
20.00
22.10
1
29.2
13.7
1
SMAJ20A
SMAJ20CA
IV
UV
20.0
22.20
24.50
1
32.4
12.3
1
SMAJ22A
SMAJ22CA
IX
UX
22.0
24.40
26.90
1
35.5
11.3
1
SMAJ24A
SMAJ24CA
IZ
UZ
24.0
26.70
29.50
1
38.9
10.3
1
SMAJ26A
SMAJ26CA
JE
VE
26.0
28.90
31.90
1
42.1
9.5
1
SMAJ28A
SMAJ28CA
JG
VG
28.0
31.10
34.40
1
45.4
8.8
1
SMAJ30A
SMAJ30CA
JK
VK
30.0
33.30
36.80
1
48.4
8.3
1
SMAJ33A
SMAJ33CA
JM
VM
33.0
36.70
40.60
1
53.3
7.5
1
SMAJ36A
SMAJ36CA
JP
VP
36.0
40.00
44.20
1
58.1
6.9
1
SMAJ40A
SMAJ40CA
JR
VR
40.0
44.40
49.10
1
64.5
6.2
1
SMAJ43A
SMAJ43CA
JT
VT
43.0
47.80
52.80
1
69.4
5.8
1
SMAJ45A
SMAJ45CA
JV
VV
45.0
50.00
55.30
1
72.7
5.5
1
SMAJ48A
SMAJ48CA
JX
VX
48.0
53.30
58,90
1
77.4
5.2
1
SMAJ51A
SMAJ51CA
JZ
VZ
51.0
56.70
62.70
1
82.4
4.9
1
SMAJ54A
SMAJ54CA
RE
WE
54.0
60.00
66.30
1
87.1
4.6
1
SMAJ58A
SMAJ58CA
RG
WG
58.0
64.40
71.20
1
93.6
4.3
1
SMAJ60A
SMAJ60CA
RK
WK
60.0
66.70
73.70
1
96.8
4.1
1
SMAJ64A
SMAJ64CA
RM
WM
64.0
71.10
78.60
1
103.0
3.9
1
SMAJ70A
SMAJ70CA
RP
WP
70.0
77.80
86.00
1
113.0
3.5
1
SMAJ75A
SMAJ75CA
RR
WR
75.0
83.30
92.10
1
121.0
3.3
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


유사한 부품 번호 - SMAJ40CA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ40CA DIODES-SMAJ40CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ40CA BYTES-SMAJ40CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ40CA UMW-SMAJ40CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
SiPower Inc.
SMAJ40CA SIPOWER-SMAJ40CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMAJ40CA PACELEADER-SMAJ40CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SMAJ40CA

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com