전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5Q0765RT 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 KA5Q0765RT
상세설명  S P S
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0765RT 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  KA5Q0765RT Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0765RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KA5Q0765RT
S P S
ELECTRICAL CHARACTERISTICS (Continued)
(Ta=25
°C unless otherwise specified)
NOTE:
1.
These parameters, although guaranteed, are not 100% tested in production
2.
These parameters, although guaranteed, are tested in EDS (wafer test) process
3.
These parameters indicate inductor current
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
BURST MODE SECTION
Burst mode Low Threshold Voltage
VBURL
Vfb=0V
10.4
11.0
11.6
V
Burst mode High Threshold Voltage
VBURH
Vfb=0V
11.4
12.0
12.6
V
Burst mode Enable Feedback voltage
VBEN
VCC=10.5V
0.7
1.0
1.3
V
Burst mode Peak Current Limit
IBU_PK
VCC=10.5V
0.65
0.85
1.0
V
PRIMARY SIDE REGULATION SECTION
Primary Regulation Threshold Voltage
VPR
Ifb=700
µA, Vfb=4V
32.0
32.5
33.0
V
Primary Regulation Thansconductance
GPR
2.0
2.6
mA/V
CURRENT LIMIT (SELF-PROTECTION) SECTION
Peak Current Limit note 3
IPK
4.4
5.0
5.6
A
START UP CURRENT
Start up Current
ISTART
Vfb=GND, VCC=14V
0.1
0.2
mA
Operatig Supply Current noet 1
IOP
Vfb=GND, VCC=16V
10
18
mA
IOP(MIN)
Vfb=GND, VCC=12V
IOP(MAX)
Vfb=GND, VCC=28V


유사한 부품 번호 - KA5Q0765RT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
logo
List of Unclassifed Man...
KA5Q0765RTHYDTU ETC2-KA5Q0765RTHYDTU Datasheet
421Kb / 12P
   Quasi Resonant Converter Controller, Internal Burst Mode Controller for Stand-by Mode
logo
Fairchild Semiconductor
KA5Q0765RTTU FAIRCHILD-KA5Q0765RTTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
KA5Q0765RTYDTU FAIRCHILD-KA5Q0765RTYDTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA5Q0765RT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
   S P S
logo
Total Power Internation...
TPG65 TOTAL-POWER-TPG65 Datasheet
114Kb / 4P
   OPEN FRAME P/S
logo
E-Tech Electronics LTD
GN809 ETL-GN809 Datasheet
378Kb / 4P
    P r o c e s s o r S u p e r v i s o r y
logo
CW Industries
GRSN-2011-2002 CWIND-GRSN-2011-2002 Datasheet
134Kb / 1P
   SWITCH ASSEMBLY PUSH OM/OFF S,P-S,T
logo
Shenzhen Huazhimei Semi...
HM2309B HMSEMI-HM2309B Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
HM2309DR HMSEMI-HM2309DR Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
logo
Shenzhen Huazhimei Semi...
HM2809DR HMSEMI-HM2809DR Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
HM2809D HMSEMI-HM2809D Datasheet
1Mb / 5P
   P-Channel 60V(D-S)
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
   P-Channel 30V (D-S) 4.5A P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com