전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1419135-0 데이터시트(PDF) 3 Page - TE Connectivity Ltd

부품명 4-1419135-0
상세설명  Mechanical indicator, optional LED and protection diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1419135-0 데이터시트(HTML) 3 Page - TE Connectivity Ltd

  4-1419135-0 Datasheet HTML 1Page - TE Connectivity Ltd 4-1419135-0 Datasheet HTML 2Page - TE Connectivity Ltd 4-1419135-0 Datasheet HTML 3Page - TE Connectivity Ltd 4-1419135-0 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT (Continued)
Dimensions
Solder- and plug-in terminals (standard version)
PCB version
S0355-AA
S0355-BB
PCB layout / terminal assignment
Bottom view on pins
4 pole
S0354-AA
S0354-AD
S0354-AB
S0354-AE
S0354-AC
S0354-AF
3 pole
2 pole
(13)
A1
(14)
A2
(13)
A1+
(14)
A2-
Circuit
LED
protection diode+LED


유사한 부품 번호 - 4-1419135-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-1419104-0 TEC-4-1419104-0 Datasheet
736Kb / 4P
   Plastic sealed case available
4-1419104-0 TEC-4-1419104-0 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
4-1419104-1 TEC-4-1419104-1 Datasheet
736Kb / 4P
   Plastic sealed case available
4-1419104-1 TEC-4-1419104-1 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
4-1419104-2 TEC-4-1419104-2 Datasheet
736Kb / 4P
   Plastic sealed case available
More results

유사한 설명 - 4-1419135-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
Balluff Korea Ltd.
BAM00NU BALLUFF-BAM00NU Datasheet
90Kb / 1P
   Mechanical Protection
0.31_2021-11-04
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-02
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
   Mechanical Protection
0.41_2021-08-24
BAM009N BALLUFF-BAM009N Datasheet
88Kb / 1P
   Mechanical Protection
0.33_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
   Mechanical Protection
0.31_2021-04-01
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
   Mechanical Protection
0.33_2021-06-22
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-01
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com