전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM6164000BL-L 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM6164000BL-L
상세설명  256Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164000BL-L 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM6164000BL-L Datasheet HTML 1Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 2Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 3Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 4Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 5Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 6Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 7Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 8Page - Samsung semiconductor KM6164000BL-L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM6164000B Family
CMOS SRAM
Revision 4.01
June 1998
1
Document Title
256Kx16 bit Low Power CMOS Static RAM
Revision History
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.
Revision No.
0.0
0.1
1.0
2.0
3.0
4.0
4.01
Remark
Advance
Preliminary
Final
Final
Final
Final
History
Initial draft
Revise
- Die name change ; A to B
Finalize
Revise
- Operating current update and release.
ICC(Read/Write) = 30/60
→ 15/75mA
ICC1(Read/Write) = 30/60
→ 15/75mA
ICC2 = 160
→ 130mA
Revise
- Change datasheet format
- Remove ICC write value from table.
Revise
- Change test load at 55ns: 100pF
→ 50pF
Errarta correction
Draft Data
June 28, 1996
September 19, 1996
December 17, 1996
February 17, 1997
February 17, 1998
June 22, 1998
August 8, 1998


유사한 부품 번호 - KM6164000BL-L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002E SAMSUNG-KM6164002E Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002I SAMSUNG-KM6164002I Datasheet
167Kb / 9P
   CMOS SRAM
More results

유사한 설명 - KM6164000BL-L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com