전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L-1043GD 데이터시트(PDF) 2 Page - Kingbright Corporation

부품명 L-1043GD
상세설명  3.65x6.15mm SINGLE CHIP LED LIGHT BARS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1043GD 데이터시트(HTML) 2 Page - Kingbright Corporation

  L-1043GD Datasheet HTML 1Page - Kingbright Corporation L-1043GD Datasheet HTML 2Page - Kingbright Corporation L-1043GD Datasheet HTML 3Page - Kingbright Corporation L-1043GD Datasheet HTML 4Page - Kingbright Corporation L-1043GD Datasheet HTML 5Page - Kingbright Corporation L-1043GD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-L1043-2
λpeak
Electrical / Optical Characteristics at TA=25°C
IR
vF
C
∆λ1/2
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Parameter
High
Efficiency
Red
Green
Yellow
Super
Bright Red
Super
Bright Green Units
Power dissipation
105
105
105
100
105
mW
DC Forward Current
30
25
30
30
25
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operation/Storage Temperature
-40
To +85
Lead Solder Temperature [2]
260
For 5 Seconds
°C
°C
°C
Symbol
Parameter
Device
Typ.
Max.
Units Test Conditions
Peak Wavelength
High Efficiency Red
Green
Yellow
Super Bright Red
Super Bright Green
625
565
590
660
565
nm
IF=20mA
Spectral Line
Halfwidth
High Efficiency Red
Green
Yellow
Super Bright Red
Super Bright Green
45
30
35
20
30
nm
IF=20mA
Capacitance
High Efficiency Red
Green
Yellow
Super Bright Red
Super Bright Green
12
45
10
95
45
pF
VF=0V;f=1MHz
Forward Voltage
High Efficiency Red
Green
Yellow
Super Bright Red
Super Bright Green
2.0
2.2
2.1
1.85
2.2
2.5
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V


유사한 부품 번호 - L-1043GD

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
L-1002 KINGBRIGHT-L-1002 Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002GD KINGBRIGHT-L-1002GD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002HD KINGBRIGHT-L-1002HD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002ID KINGBRIGHT-L-1002ID Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002YD KINGBRIGHT-L-1002YD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
More results

유사한 설명 - L-1043GD

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
WP1043YD KINGBRIGHT-WP1043YD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043ID KINGBRIGHT-WP1043ID Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
SunLED Corporation
EMG21D SUNLED-EMG21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUR21D SUNLED-EUR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EMR21D SUNLED-EMR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
Kingbright Corporation
WP1043GD KINGBRIGHT-WP1043GD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SGD KINGBRIGHT-WP1043SGD Datasheet
416Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SRD KINGBRIGHT-WP1043SRD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com