전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

742792117 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 742792117
상세설명  Multilayer-SMD-Ferrite
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742792117 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742792117 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792117 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
description :
SSt
Update
05-12-16
SST
RoHS Update
04-10-11
LF
Update 2GHz
04-01-14
JH
Neugestaltung
00-12-06
Name
Änderung / modification
Datum / date
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
...........................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Unterschrift / signature
Würth Elektronik
H Impedanzverlauf / impedance curve:
Freigabe erteilt / general release:
Kunde / customer
...........................................................................
..................................................................................
Multilayer-SMD-Ferrit
Multilayer-SMD-Ferrite
DATUM / DATE : 2005-12-16
Artikelnummer / part number :
742792117
Spezifikation für Freigabe / specification for release
Kunde / customer :
CH1 |Z|
CH2 XL
CH3 R
1
10
100
1
10
100
1000
10000
Frequenz / frequency [MHz]
Z
XL
R
IF BW 10kHz
POWER 0 dBm
SWP134,5 msec
START 1 MHz
STOP 1,8 GHz
typischer Impedanzverlauf /
typical Impedance curve
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the
field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public
information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic
component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for
the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
LF
SEITE 2 VON 2


유사한 부품 번호 - 742792117

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74279211 WURTH-74279211 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792110 WURTH-742792110 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792111 WURTH-742792111 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792112 WURTH-742792112 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792113 WURTH-742792113 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results

유사한 설명 - 742792117

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
742792701 WURTH-742792701 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792693 WURTH-742792693 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
742792010 WURTH-742792010 Datasheet
149Kb / 2P
   Multilayer-SMD-Ferrite
74279266 WURTH-74279266 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
7427927112 WURTH-7427927112 Datasheet
87Kb / 2P
   Multilayer-SMD-Ferrite
74279266A WURTH-74279266A Datasheet
73Kb / 2P
   Multilayer-SMD-Ferrite
742792655 WURTH-742792655 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com