전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744862100 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744862100
상세설명  WE-TFC Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744862100 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744862100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862100 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862100 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 2:1
1
2
3
4
8,0
0,60
O
17,0 max.
Recommended Hole Pattern: [mm]
8,0
O 1,0
Scale - 2:1
1
3
2
4
Schematic:
1
4
2
3
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance
10 kHz/ 100 mV
L
2x10
mH
+50/-30
Rated Current
@ 70 °C
IR
0.45
A
max.
DC Resistance
@ 20 °C
RDC
2x1.65
max.
Rated Voltage
50 Hz
UR
400
V (AC)
max.
Insulation Test Voltage
50 Hz/ 5 mA/ 2 sec.
UT
3000
V (AC)
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Operating Temperature
-40 °C up to +125 °C
Temperature Rise < 55K
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
IMA
DIN ISO 2768-1m
DESCRIPTION
WE-TFC Common Mode Power
Line Choke
ORDER CODE
744862100
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
UT
002.000
Valid
2016-09-26
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744862100

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744862120 WURTH-744862120 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862180 WURTH-744862180 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
More results

유사한 설명 - 744862100

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744844221 WURTH-744844221 Datasheet
909Kb / 5P
   WE-ExB Common Mode Power Line Choke
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
7448680140 WURTH-7448680140 Datasheet
454Kb / 5P
   WE-LPCC Common Mode Power Line Choke
744869161683 WURTH-744869161683 Datasheet
882Kb / 8P
   WE-FCLP Common Mode Power Line Choke
001.000
744824801 WURTH-744824801 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
001.001
744824405 WURTH-744824405 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
002.001
744830010185 WURTH-744830010185 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830017132 WURTH-744830017132 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830025103 WURTH-744830025103 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830039080 WURTH-744830039080 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com