전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS35L00 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CS35L00
상세설명  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 데이터시트(HTML) 5 Page - Cirrus Logic

  CS35L00_11 Datasheet HTML 1Page - Cirrus Logic CS35L00_11 Datasheet HTML 2Page - Cirrus Logic CS35L00_11 Datasheet HTML 3Page - Cirrus Logic CS35L00_11 Datasheet HTML 4Page - Cirrus Logic CS35L00_11 Datasheet HTML 5Page - Cirrus Logic CS35L00_11 Datasheet HTML 6Page - Cirrus Logic CS35L00_11 Datasheet HTML 7Page - Cirrus Logic CS35L00_11 Datasheet HTML 8Page - Cirrus Logic CS35L00_11 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS35L00
DS906PP1
5
1. PIN DESCRIPTIONS FOR CS35L00
Pin Name
#
Pin Description
SD
1
Shutdown
(Input) - Pulling this pin low places the CS35L00 in shutdown.
IN-
2
Negative Analog Input
(Input) - Differential negative audio signal input
LFILT+
3
Low Drop Out Regulator Filter
(Output) - Bypass capacitor connection point for internal LDO. Con-
necting this net to VBATT places the device into SD mode.
IN+
4
Positive Analog Input
(Input) - Differential positive audio signal input.
MODE
5
Switching Mode
(Input) - Controls the output switching modes of the CS35L00.
OUT-
6
Negative PWM Output
(Output) - Differential negative PWM output.
GAIN_SEL
7
Gain Select
(Input) - Sets the gain of the amplifier. When pulled low, gain is +12 dB. When pulled high,
gain is +6 dB.
VBATT
8
Positive Analog Power Supply
(Input) - Positive power supply input.
GND
9
Ground
(Input) - Power supply ground.
OUT+
10
Positive PWM Output
(Output) - Differential Positive PWM output.
Thermal Pad
-
Thermal Pad (Input)
- Thermal relief pad for optimized heat dissipation. Connect to GND. See “DFN
Thermal Pad” on page 31 for more information.
1
2
3
4
5
10
9
8
7
6
Thermal Pad
SD
IN-
LFILT+
IN+
MODE
OUT+
GND
VBATT
GAIN_SEL
OUT-
Figure 1. Top View of DFN Pin Out
(Looking down through package)


유사한 부품 번호 - CS35L00_11

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

유사한 설명 - CS35L00_11

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Analog Devices
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com