전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA12A 데이터시트(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

부품명 SA12A
상세설명  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
홈페이지  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

SA12A 데이터시트(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  SA12A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd SA12A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd SA12A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd SA12A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd SA12A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
500W SA Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 5-
http://www.jjwdz.com
MARKING & ORDERING INFORMATION
P ro d u c t T y p e
C a th o d e B a n d
S A
X X
C
A
(1 )
(2 )
(3 )
(4 )
(1 )S e rie s :5 0 0 w a tts s e rie s
(2 )R e v e rs e S ta n d -o ff V o lta g e
(3 )B i-d ire c tio n a l
(4 )5 % V B R V o lta g e to le ra n c e
L o g o
S A x x C A
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.228
0.027
0.118
0.300
0.035
0.140
5.80
0.69
3.00
7.62
0.89
3.60
-
-
A
B
A
Part Number
Case Type
Quantity
Packing Option
SAxxCA/A
DO-15/DO-204AC
2000
Box
Information furnished in this document is believed to be accurate and reliable. However, Jiangsu
JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences of use without
consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from that when
an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents. Jiangsu
JieJie assumes no responsibility for any infringement of other rights of third parties which may
result from the use of such products and information.
This document is the first version which is made in 22-May.-2015. This document supersedes
and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
©2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


유사한 부품 번호 - SA12A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SA12A MOTOROLA-SA12A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA12A CHENDA-SA12A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA12A MCC-SA12A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA12A LITTELFUSE-SA12A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA12A SOCAY-SA12A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SA12A

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com