전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB8416 데이터시트(PDF) 11 Page - Cirrus Logic

부품명 CDB8416
상세설명  192 kHz Digital Audio Interface Transmitter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 데이터시트(HTML) 11 Page - Cirrus Logic

Back Button CDB8416 Datasheet HTML 7Page - Cirrus Logic CDB8416 Datasheet HTML 8Page - Cirrus Logic CDB8416 Datasheet HTML 9Page - Cirrus Logic CDB8416 Datasheet HTML 10Page - Cirrus Logic CDB8416 Datasheet HTML 11Page - Cirrus Logic CDB8416 Datasheet HTML 12Page - Cirrus Logic CDB8416 Datasheet HTML 13Page - Cirrus Logic CDB8416 Datasheet HTML 14Page - Cirrus Logic CDB8416 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS580F6
11
CS8406
3. GENERAL DESCRIPTION
The CS8406 is a monolithic CMOS device which encodes a nd transmits audio data according to the AES3,
IEC60958, S/PDIF, and EIAJ CP1201 interface standards. The CS8406 accepts audio, channel status and user da-
ta, which is then multiplexed, encoded, and driven onto a cable.
The audio data is input through a configurable, 3-wire input port. The channel status bits and user bit data are input
through an SPI or I²C Mode microcontroller port and may be assembled in separate block sized buffers.
For systems with no microcontroller, a Stand-Alone Mode allows direct access to channel status and user data input
pins.
Target applications include CD-R, DAT, DVD, MD and VTR equipment, mixing consoles, digital audio transmission
equipment, high quality A/D converters, effects processors, set-top TV boxes, and computer audio systems.
Figure 5 shows the supply and external connections to the CS8406 when configured for operation with a microcon-
troller. Figure 6 shows the supply and external connections to the CS8406 when configured for operation without a
microcontroller.
3.1
AES3 and S/PDIF Standards Documents
This data sheet assumes that the user is familiar with the AES3 and S/PDIF data formats. It is advisable to
have current copies of the AES3 and IEC60958 specifications on hand for easy reference.
The latest AES3 standard is available from the Audio Engi neering Society or ANSI at www.aes.org or
www.ansi.org. Obtain the latest IEC60958 standard from ANSI or from the International Electrotechnical
Commission at www.iec.ch. The latest EIAJ CP-1201 standard is available from the Japanese Electronics
Bureau.
Application Note 22: Overview of Digital Audio Interface Data Structures contains a useful tutorial on digital
audio specifications, but it should not be considered a substitute for the standards.
The paper An Understanding and Implementation of the SCMS Serial Copy Management System for Digital
Audio Transmission
, by Clifton Sanchez, is an excellent tutorial on SCMS. It is available from the AES as
reprint 3518.


유사한 부품 번호 - CDB8416

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CDB8416 CIRRUS-CDB8416 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
More results

유사한 설명 - CDB8416

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com