전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1520-0000-000N0HN450F 데이터시트(PDF) 5 Page - Cree, Inc

부품명 CXA1520-0000-000N0HN450F
상세설명  XLamp LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1520-0000-000N0HN450F 데이터시트(HTML) 5 Page - Cree, Inc

  CXA1520-0000-000N0HN450F Datasheet HTML 1Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 2Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 3Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 4Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 5Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 6Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 7Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 8Page - Cree, Inc CXA1520-0000-000N0HN450F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXa1520 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 15).
Cree XLamp CXA1520 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, Ansi WhitE orDEr CoDEs AnD bins (i
f = 500 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1520 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 13).
nominal
CCt
Cri
Minimum Luminous flux
Chromaticity regions
order Code
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
5000 K
70
75
P2
1830
2028
3A0, 3B0, 3C0, 3D0, 50F
CXA1520‑0000‑000N00P20E3
P4
1965
2177
CXA1520‑0000‑000N00P40E3
Q2
2100
2327
CXA1520‑0000‑000N00Q20E3
80
---
N4
1710
1895
3A0, 3B0, 3C0, 3D0,50F
CXA1520‑0000‑000N0HN40E3
P2
1830
2028
CXA1520‑0000‑000N0HP20E3
P4
1965
2177
CXA1520‑0000‑000N0HP40E3
4000 K
70
75
N4
1710
1895
5A0, 5B0, 5C0, 5D0, 40F
CXA1520‑0000‑000N00N40E5
P2
1830
2028
CXA1520‑0000‑000N00P20E5
P4
1965
2177
CXA1520‑0000‑000N00P40E5


유사한 부품 번호 - CXA1520-0000-000N0HN450F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

유사한 설명 - CXA1520-0000-000N0HN450F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com