전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3590-0000-000N00BB27F 데이터시트(PDF) 9 Page - Cree, Inc

부품명 CXA3590-0000-000N00BB27F
상세설명  XLamp LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3590-0000-000N00BB27F 데이터시트(HTML) 9 Page - Cree, Inc

Back Button CXA3590-0000-000N00BB27F Datasheet HTML 5Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 6Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 7Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 8Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 9Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 10Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 11Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 12Page - Cree, Inc CXA3590-0000-000N00BB27F Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® CXa3590 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 22).
Cree XLamp CXA3590 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Flux CharaCteristiCs, ansi White Order COdes and Bins - 72 V (i
f = 1200 mA, t= 85 °C)
The following table provides order codes for XLamp CXA3590 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 19).
CCt
range
Cri
Minimum Luminous flux
Chromaticity regions
order Code
Min
typ
group
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
6500 K
70
75
BD
10,000
11,100
1A0, 1B0, 1C0, 1D0, 65F
CXA3590-0000-000R00BD0e1
CB
11,000
12,210
CXA3590-0000-000R00CB0e1
CD
12,000
13,320
CXA3590-0000-000R00CD0e1
80
---
BB
9,500
10,545
1A0, 1B0, 1C0, 1D0, 65F
CXA3590-0000-000R0HBB0e1
BD
10,000
11,100
CXA3590-0000-000R0HBD0e1
CB
11,000
12,210
CXA3590-0000-000R0HCB0e1
5700 K
70
75
BD
10,000
11,100
2A0, 2B0, 2C0, 2D0, 57F
CXA3590-0000-000R00BD0e2
CB
11,000
12,210
CXA3590-0000-000R00CB0e2
CD
12,000
13,320
CXA3590-0000-000R00CD0e2
80
---
BB
9,500
10,545
2A0, 2B0, 2C0, 2D0, 57F
CXA3590-0000-000R0HBB0e2
BD
10,000
11,100
CXA3590-0000-000R0HBD0e2
CB
11,000
12,210
CXA3590-0000-000R0HCB0e2
5000 K
70
75
BD
10,000
11,100
3A0, 3B0, 3C0, 3D0, 50F
CXA3590-0000-000R00BD0e3
CB
11,000
12,210
CXA3590-0000-000R00CB0e3
CD
12,000
13,320
CXA3590-0000-000R00CD0e3
80
---
BB
9,500
10,545
3A0, 3B0, 3C0, 3D0, 50F
CXA3590-0000-000R0HBB0e3
BD
10,000
11,100
CXA3590-0000-000R0HBD0e3
CB
11,000
12,210
CXA3590-0000-000R0HCB0e3
4000 K
70
75
BB
9,500
10,545
5A0, 5B0, 5C0, 5D0, 40F
CXA3590-0000-000R00BB0e5
BD
10,000
11,100
CXA3590-0000-000R00BD0e5


유사한 부품 번호 - CXA3590-0000-000N00BB27F

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

유사한 설명 - CXA3590-0000-000N00BB27F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com