전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1304-0000-000F00C240H 데이터시트(PDF) 5 Page - Cree, Inc

부품명 CXA1304-0000-000F00C240H
상세설명  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000F00C240H 데이터시트(HTML) 5 Page - Cree, Inc

  CXA1304-0000-000F00C240H Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000F00C240H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXa1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 29).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
4000 K
70
75
B4
410
457
40H
CXA1304-0000-
000C00B440H
40F
CXA1304-0000-
000C00B440F
C2
440
490
CXA1304-0000-
000C00C240H
CXA1304-0000-
000C00C240F
C4
475
527
CXA1304-0000-
000C00C440H
CXA1304-0000-
000C00C440F
80
---
B4
410
457
40H
CXA1304-0000-
000C0HB440H
40G
40F
CXA1304-0000-
000C0HB440F
C2
440
490
CXA1304-0000-
000C0HC240H
CXA1304-0000-
000C0HC240G
CXA1304-0000-
000C0HC240F
C4
475
527
CXA1304-0000-
000C0HC440H
CXA1304-0000-
000C0HC440G
CXA1304-0000-
000C0HC440F
90
95
94
290
327
40H
CXA1304-0000-
000C0U9440H
40G
CXA1304-0000-
000C0U9440G
40F
CXA1304-0000-
000C0U9440F
A2
330
366
CXA1304-0000-
000C0UA240H
CXA1304-0000-
000C0UA240G
CXA1304-0000-
000C0UA240F
A4
355
396
CXA1304-0000-
000C0UA440H
CXA1304-0000-
000C0UA440G
CXA1304-0000-
000C0UA440F
3500 K
80
---
B2
380
423
35H
CXA1304-0000-
000C00B235H
35G
35F
CXA1304-0000-
000C00B235F
B4
410
457
CXA1304-0000-
000C00B435H
CXA1304-0000-
000C00B435G
CXA1304-0000-
000C00B435F
C2
440
490
CXA1304-0000-
000C00C235H
CXA1304-0000-
000C00C235G
CXA1304-0000-
000C00C235F
93
95
94
290
327
35H
CXA1304-0000-
000C0Y9435H
35G
35F
CXA1304-0000-
000C0Y9435F
A2
330
366
CXA1304-0000-
000C0YA235H
CXA1304-0000-
000C0YA235G
CXA1304-0000-
000C0YA235F
3000 K
80
---
B2
380
423
30H
CXA1304-0000-
000C00B230H
30G
30F
CXA1304-0000-
000C00B230F
B4
410
457
CXA1304-0000-
000C00B430H
CXA1304-0000-
000C00B430G
CXA1304-0000-
000C00B430F
C2
440
490
CXA1304-0000-
000C00C230H
CXA1304-0000-
000C00C230G
CXA1304-0000-
000C00C230F
93
95
92
250
281
30H
CXA1304-0000-
000C0Y9230H
30G
30F
CXA1304-0000-
000C0Y9230F
94
290
327
CXA1304-0000-
000C0Y9430H
CXA1304-0000-
000C0Y9430G
CXA1304-0000-
000C0Y9430F
A2
330
366
CXA1304-0000-
000C0YA230H
CXA1304-0000-
000C0YA230G
CXA1304-0000-
000C0YA230F
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 9 V (i
f = 400 mA, tJ = 85 °C) - COnTinUed


유사한 부품 번호 - CXA1304-0000-000F00C240H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E7 CREE-CXA1304-0000-000C00A40E7 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

유사한 설명 - CXA1304-0000-000F00C240H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com