전자부품 데이터시트 검색엔진 |
|
CXA1510-0000-000N0HJ240G 데이터시트(PDF) 8 Page - Cree, Inc |
|
CXA1510-0000-000N0HJ240G 데이터시트(HTML) 8 Page - Cree, Inc |
8 / 27 page Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 8 XLamp® CXa1510 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 26). • Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. Flux CharaCteristiCs, ansi White Order COdes and Bins - 18 V (i f = 500 mA, tJ = 85 °C) The following table provides order codes for XLamp CXA1510 LEDs. For a complete description of the order code nomenclature, please see the Bin and Order Code Formats section (page 23). nominal CCt Cri Minimum Luminous flux Chromaticity regions order Code Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* 6500 K 70 75 H4 970 1076 1A0, 1B0, 1C0, 1D0, 65F CXA1510‑0000‑000F00H40E1 J2 1040 1154 CXA1510‑0000‑000F00J20E1 J4 1120 1243 CXA1510‑0000‑000F00J40E1 80 --- H4 970 1076 1A0, 1B0, 1C0, 1D0, 65F CXA1510‑0000‑000F0HH40E1 J2 1040 1154 CXA1510‑0000‑000F0HJ20E1 J4 1120 1243 CXA1510‑0000‑000F0HJ40E1 5700 K 70 75 H4 970 1076 2A0, 2B0, 2C0, 2D0, 57F CXA1510‑0000‑000F00H40E2 J2 1040 1154 CXA1510‑0000‑000F00J20E2 J4 1120 1243 CXA1510‑0000‑000F00J40E2 80 --- H4 970 1076 2A0, 2B0, 2C0, 2D0, 57F CXA1510‑0000‑000F0HH40E2 J2 1040 1154 CXA1510‑0000‑000F0HJ20E2 J4 1120 1243 CXA1510‑0000‑000F0HJ40E2 90 95 G2 780 866 2A0, 2B0, 2C0, 1D0, 57F CXA1510‑0000‑000F0UG20E2 G4 840 932 CXA1510‑0000‑000F0UG40E2 H2 900 999 CXA1510‑0000‑000F0UH20E2 5000 K 70 75 H4 970 1076 3A0, 3B0, 3C0, 3D0, 50F CXA1510‑0000‑000F00H40E3 J2 1040 1154 CXA1510‑0000‑000F00J20E3 J4 1120 1243 CXA1510‑0000‑000F00J40E3 80 --- H4 970 1076 3A0, 3B0, 3C0, 3D0, 50F CXA1510‑0000‑000F0HH40E3 J2 1040 1154 CXA1510‑0000‑000F0HJ20E3 J4 1120 1243 CXA1510‑0000‑000F0HJ40E3 4000 K 70 75 H4 970 1076 5A0, 5B0, 5C0, 5D0, 40F CXA1510‑0000‑000F00H40E5 J2 1040 1154 CXA1510‑0000‑000F00J20E5 J4 1120 1243 CXA1510‑0000‑000F00J40E5 |
유사한 부품 번호 - CXA1510-0000-000N0HJ240G |
|
유사한 설명 - CXA1510-0000-000N0HJ240G |