전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4101UR-1 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 1N4101UR-1
상세설명  Low Noise Zener Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4101UR-1 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N4101UR-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4101UR-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4101UR-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4101UR-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Zener Diode Series
Rev. V1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
1N4099UR-1 thru 1N4135UR-1 &
1N4614UR-1 thru 1N4627UR-1
JEDEC TYPE
No.
(Note1)
Normal
Zener Voltage
VZ @ IZT
Zener Test
Current
IZT
Maximum
Zener Impedance
ZZT
Maximum
Reverse Current
IR @ VR
Maximum
Noise Density
ND @ IZT
Maximum
Zener Current
IZM
Volts
A
Ohms
A
Volts
V / √Hz
mA
1N4099UR-1
6.8
250
200
10
5.17
40
56
1N4100UR-1
7.5
250
200
10
5.7
40
51
1N4101UR-1
8.2
250
200
1
6.24
40
46
1N4102UR-1
8.7
250
200
1
6.61
40
44
1N4103UR-1
9.1
250
200
1
6.92
40
42
1N4104UR-1
10
250
200
1
7.6
40
38
1N4105UR-1
11
250
200
0.05
8.44
40
35
1N4106UR-1
12
250
200
0.05
8.12
40
32
1N4107UR-1
13
250
200
0.05
9.857
40
29
1N4108UR-1
14
250
200
0.05
10.65
40
27
1N4109UR-1
15
250
100
0.05
11.4
40
25
1N4110UR-1
16
250
100
0.05
12.15
40
24
1N4111UR-1
17
250
100
0.05
12.92
40
22
1N4112UR-1
18
250
100
0.05
13.67
40
21
1N4113UR-1
19
250
150
0.05
14.44
40
20
1N4114UR-1
20
250
150
0.01
15.2
40
19
1N4115UR-1
22
250
150
0.01
16.72
40
17
1N4116UR-1
24
250
150
0.01
18.25
40
16
1N4117UR-1
25
250
150
0.01
19
40
15
1N4118UR-1
27
250
150
0.01
20.45
40
14
1N4119UR-1
29
250
200
0.01
21.28
40
14
1N4120UR-1
30
250
200
0.01
22.8
40
13
Features
 Available in JAN, JANTX, JANTXV and JANS per
MIL-PRFUR-19500/435
 Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively.
 500 mW power handling
 Hermetically sealed MELF DO-213 package
 Also available in axial-leaded glass DO-35 style
package.
Electrical Specifications: TA = +25°C (unless otherwise specified)
(Continued next page)


유사한 부품 번호 - 1N4101UR-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4101UR-1 MICROSEMI-1N4101UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4101UR-1 MICROSEMI-1N4101UR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4101UR-1 MICROSEMI-1N4101UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

유사한 설명 - 1N4101UR-1

제조업체부품명데이터시트상세설명
logo
Seme LAB
1N4620D2A SEME-LAB-1N4620D2A Datasheet
185Kb / 3P
   LOW NOISE ZENER DIODE
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Renesas Technology Corp
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com