전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5141A 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 1N5141A
상세설명  Flexible Axial-lead Mounting Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5141A 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N5141A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5141A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5141A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Abrupt Varactors
General Purpose
Rev. V1
1N5139(A) thru 1N5148(A)
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 1N5139A - 1N5148A are Military Approved for
JAN, JANTX, JANTXV per MIL-PRF-19500
 Hermetically Sealed Glass, DO-7
 Flexible Axial-lead Mounting Terminals
 RoHS* Compliant
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Hermetically Sealed Glass, DO-7
Model
Capacitance
@ -4 Vdc, 1 MHz
pF
Capacitance Ratio
CT 2 V / CT 60 V
Quality Factor
@ 4 Vdc, 50 MHz
Q
Min.
Typ.
Max.
Min.
Min.
1N5139
6.12
6.8
7.48
2.7
350
1N5139A
6.46
6.8
7.14
2.7
350
1N5140
9.0
10.0
11.0
2.8
300
1N5140A
9.5
10.0
10.5
2.8
300
1N5141
10.8
12.0
13.2
2.8
300
1N5141A
11.4
12.0
12.6
2.8
300
1N5142
13.5
15.0
16.5
2.8
250
1N5142A
14.3
15.0
15.7
2.8
250
1N5143
16.2
18.0
19.8
2.8
250
1N5143A
17.1
18.0
18.9
2.8
250
1N5144
19.8
22.0
24.2
3.2
200
1N5144A
20.9
22.0
23.1
3.2
200
1N5145
24.3
27.0
29.7
3.2
200
1N5145A
25.7
27.0
28.3
3.2
200
1N5146
29.7
33.0
36.3
3.2
200
1N5146A
31.4
33.0
34.6
3.2
200
1N5147
6.1
39.0
42.9
3.2
200
1N5147A
37.1
39.0
40.9
3.2
200
1N5148
42.3
47.0
51.7
3.2
200
1N5148A
44.7
47.0
49.3
3.2
200


유사한 부품 번호 - 1N5141A

제조업체부품명데이터시트상세설명
logo
Knox Semiconductor, Inc
1N5141A KNOX-1N5141A Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
New Jersey Semi-Conduct...
1N5141A NJSEMI-1N5141A Datasheet
167Kb / 1P
   DIODE
1N5141A NJSEMI-1N5141A Datasheet
132Kb / 1P
   DIODE
More results

유사한 설명 - 1N5141A

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
   Flexible Mounting
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
   Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
   AXIAL LEAD
logo
Illinois Capacitor, Inc...
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
   AXIAL LEAD
225TMA050M ILLINOISCAPACITOR-225TMA050M Datasheet
113Kb / 1P
   AXIAL LEAD
225TTA050M ILLINOISCAPACITOR-225TTA050M Datasheet
127Kb / 1P
   AXIAL LEAD
335BPA050M ILLINOISCAPACITOR-335BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
335TMA350M ILLINOISCAPACITOR-335TMA350M Datasheet
113Kb / 1P
   AXIAL LEAD
106BPA050M ILLINOISCAPACITOR-106BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
226BPA025M ILLINOISCAPACITOR-226BPA025M Datasheet
112Kb / 1P
   AXIAL LEAD
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com