전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5147 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 1N5147
상세설명  Flexible Axial-lead Mounting Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5147 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N5147 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5147 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5147 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Abrupt Varactors
General Purpose
Rev. V1
1N5139(A) thru 1N5148(A)
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
DC Power Dissipation
400 mW
Forward Current
250 mA
Minimum Reverse Breakdown Voltage
65 Vdc @ IR = 10 µAdc
Reverse Current
20 µAdc @ VR = 55 Vdc, TA = 25°C
20 µAdc @ VR = 55 Vdc, TA = 150°C
Temperature Coefficient of Capacitance
3% / °C @ VR = 4 Vdc, TA = -40°C to +85°C
Operating Temperature
-65°C to +175°C
Storage Temperature
-65°C to +200°C
Voltage Tolerance
+10% Standard Device
+5% Suffix A
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
2. MACOM does not recommend sustained operation near these survivability limits.
Hermetically Sealed Glass, DO-7
Lead Material: copper clad steel
Lead Finish: tin/lead
Marking: part number and cathode band
Weight: 0.2 grams
Polarity: diode to be operated with the cathode band end negative
Mounting Position: any


유사한 부품 번호 - 1N5147

제조업체부품명데이터시트상세설명
logo
Knox Semiconductor, Inc
1N5147 KNOX-1N5147 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5147A KNOX-1N5147A Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
New Jersey Semi-Conduct...
1N5147A NJSEMI-1N5147A Datasheet
132Kb / 1P
   DIODE
More results

유사한 설명 - 1N5147

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
   Flexible Mounting
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
   Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
   AXIAL LEAD
logo
Illinois Capacitor, Inc...
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
   AXIAL LEAD
225TMA050M ILLINOISCAPACITOR-225TMA050M Datasheet
113Kb / 1P
   AXIAL LEAD
225TTA050M ILLINOISCAPACITOR-225TTA050M Datasheet
127Kb / 1P
   AXIAL LEAD
335BPA050M ILLINOISCAPACITOR-335BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
335TMA350M ILLINOISCAPACITOR-335TMA350M Datasheet
113Kb / 1P
   AXIAL LEAD
106BPA050M ILLINOISCAPACITOR-106BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
226BPA025M ILLINOISCAPACITOR-226BPA025M Datasheet
112Kb / 1P
   AXIAL LEAD
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com