전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5964IHHK 데이터시트(PDF) 1 Page - SyncMOS Technologies,Inc

부품명 SM5964IHHK
상세설명  8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964IHHK 데이터시트(HTML) 1 Page - SyncMOS Technologies,Inc

  SM5964IHHK Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
July 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
1/28
PID 5964 07/02
SyncMOS Technologies Inc.
SM5964
Ver 1.0
Product List
SM5964C25, 25 MHz 64KB internal flash MCU
SM5964C40, 40 MHz 64KB internal flash MCU
Description
The SM5964 series product is an 8 - bit single chip
microcontroller with 64KB flash & 1K byte RAM embed-
ded. It has In-System Programming (ISP) function and
is a derivative of the 8052 microcontroller family. It has
5-channel SPWM build-in. User can access on-chip
expanded RAM with easier and faster way by its ‘bank
mapping direct addressing mode’ scheme. With its
hardware features and powerful instruction set, it’s
straight forward to make it a versatile and cost effective
controller for those applications which demand up to 32
I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to
64K byte flash memory either for program or for data or
mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method. The on-chip flash memory can be programmed
in either parallel or serial interface with its ISP feature.
Ordering Information
yywwv
SM5964ihhk
yy: year, ww:week
v: version identifier { , A, B, ...}
i: process identifier
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
Postfix
Package
Pin/Pad
Configuration
Dimension
P
40L PDIP
page 2
page 24
J
44L PLCC
page 2
page 25
Q
44L QFP
page 2
page 26
64KB ISP flash & 1KB RAM embedded
Features
Working voltage: 4.5V through 5.5V
General 8052 family compatible
12 clocks per machine cycle
64K byte on chip flash memory with In-System
Programming (ISP) capability
1024 byte on chip data RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports
for PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Page free jumps
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes:
Idle mode and Power down mode
Code protection function
Low EMI (inhibit ALE)
Reset with address $0000 blank initiate ISP service program
ISP service program space configurable in N*512byte
(N=0 to 8) size
Bank mapping direct addressing mode for access on-chip
RAM
Five channel Specific PWM (SPWM) build-in with P1.3 ~ P1.7
Taiwan
4F, No. 1 Creation Road 1,
Science-based Industrial Park,
Hsinchu, Taiwan 30077
TEL: 886-3-578-3344
FAX: 886-3-579-2960
886-3-578-0493
886-3-579-2988
8 - Bit Micro-controller
Website: http://www.syncmos.com.tw


유사한 부품 번호 - SM5964IHHK

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

유사한 설명 - SM5964IHHK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com