전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0-539787-9 데이터시트(PDF) 7 Page - TE Connectivity Ltd

부품명 0-539787-9
상세설명  For further information, not included in this IS , and for technical assistance please contact
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-539787-9 데이터시트(HTML) 7 Page - TE Connectivity Ltd

Back Button 0-539787-9 Datasheet HTML 3Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 4Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 5Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 6Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 7Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 8Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 9Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 10Page - TE Connectivity Ltd 0-539787-9 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Matrize
PN 539 760-2
411-18237 / Rev. A1
Die Set
PN 539 760-2
411-18237 / Rev. A1
Seite / Page 7 of 11
5 Crimp height inspection
This inspection requires the use of a micrometer with
a modified anvil. TE recommends the modified
micrometer P/N: 547 203-1.
Proceed as follows:
1. Refer to Figure 4 and select a wire (maximum
size) for each crimp section listed.
2. Refer to Section 4, CRIMPING PROCEDURE,
and crimp the contact(s) accordingly.
3. Using a crimp height comparator, measure the
wire barrel crimp height and insulation barrel as
shown in Figure 4. If the crimp heights conforms
to that shown in the table, the tool is considered
dimensionally correct. If not, the tool must be
adjusted. Refer to Section 6, CRIMP HEIGHT
ADJUSTMENT.
5 Überprüfung der Crimphöhe
Zur Überprüfung bzw. Messung der Crimphöhe ist ein
Mikrometer mit modifiziertem Amboß erforderlich
PN: 547 203-1.
Verfahren Sie wie folgt:
1. Wählen Sie aus der Tabelle (Bild 4) je eine Leitung
(mit max. Größe) für die gelisteten Crimp-Größen-
bereiche.
2. Crimpen Sie einen oder mehrere Kontakte wie
zuvor beschrieben.
3. Messen Sie mit dem Mikrometer die Crimphöhen
der Drahtcrimphülse und Isolationscrimphülse wie
in der Abbildung (Bild 4) gezeigt. Entspricht die
gemessene Crimphöhe den Angaben in der Tabel-
le, so ist die Crimpzange korrekt justiert. Ande-
renfalls ist eine Einstellung der Crimphöhe vorzu-
nehmen.
Die Spitze muß mittig
auf der Drahtcrimphülse
gegenüber der Crimpnaht
positioniert werden
Position point on center of
wire barrel opposite seam
Modifizierter Amboß
Modified anvil
Bild / Figure 4
Leitungsgröße
(Max.)
Wire size
(max.)
Crimpbereich
(Drahtgr.ber.markg.
Crimp section
(Wire size marking)
Crimphöhe (A)
u. Toleranz (+/- 0,05)
Crimp height dim. (A)
and tolerance (+/-0.05)
0,35 mm²
0,5 - 1,0 mm²
1,5 - 2,5 mm²
0,35 mm²
0,5 - 1,0 mm²
1,5 - 2,5 mm²
1,11
1,28
1,62


유사한 부품 번호 - 0-539787-9

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
0-539787-9 TEC-0-539787-9 Datasheet
97Kb / 11P
   This ERGOCRIMP Die is suitable to crimp the following crimp contacts
More results

유사한 설명 - 0-539787-9

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
411-18270 TEC-411-18270 Datasheet
128Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
411-18185 TEC-411-18185 Datasheet
112Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact:
411-18219 TEC-411-18219 Datasheet
99Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact:
411-18271 TEC-411-18271 Datasheet
128Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
411-18233 TEC-411-18233 Datasheet
98Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
411-18229 TEC-411-18229 Datasheet
96Kb / 11P
   For further information, not included in this IS , and fortechnical assistance please contact
logo
List of Unclassifed Man...
B10-029-266-032 ETC2-B10-029-266-032 Datasheet
50Kb / 2P
   FOR MORE INFORMATION PLEASE
logo
Samsung semiconductor
K9KAG08U0M-PCB0000 SAMSUNG-K9KAG08U0M-PCB0000 Datasheet
115Kb / 1P
   sheet of this product is either in preparation or is not effective yet. For more details about product specifications or technical files, please inquire through Contact us
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Panasonic Semiconductor
MN101C115 PANASONIC-MN101C115 Datasheet
1,002Kb / 170P
   Request for your special attention and precautions in using the technical information and semiconductors described in this book
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com