전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC215-50 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TC215-50
상세설명  1024-1024-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TC215-50 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TC215-50 Datasheet HTML 7Page - Texas Instruments TC215-50 Datasheet HTML 8Page - Texas Instruments TC215-50 Datasheet HTML 9Page - Texas Instruments TC215-50 Datasheet HTML 10Page - Texas Instruments TC215-50 Datasheet HTML 11Page - Texas Instruments TC215-50 Datasheet HTML 12Page - Texas Instruments TC215-50 Datasheet HTML 13Page - Texas Instruments TC215-50 Datasheet HTML 14Page - Texas Instruments TC215-50 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range for ADB, CDB, IDB, TDB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for ABG1, ABG2, IAG1, IAG2, RST1, RST2, SRG1, SRG2, TRG
–15 V to 15 V
. . . . . .
Operating free-air temperature range, TA
–10
°C to 40°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage for ADB, CDB, IDB, TDB
11
12
13
V
Substrate bias voltage
0
V
IAG1 IAG2
High level
1.5
2
2.5
IAG1, IAG2
Low level
–11
–9
SRG1 SRG2
High level
1.5
2
2.5
SRG1, SRG2
Low level
–11
–9
RST1 RST2
High level
1.5
2
2.5
Input voltage, VI‡
RST1, RST2
Low level
–11
–9
V
g
I
High level
5
5.5
6
ABG1, ABG2
Intermediate level§
–1.5
–1. 2
– 0.9
Low level
–7.5
–7
– 6.5
TRG
High level
1.5
2
2.5
TRG
Low level
–11
–9
TRG, SRG1, SRG2, RST1, RST2
10
Clock frequency, fclock
IAG1, IAG2
1
MHz
ABG1, ABG2
1
Capacitive load
OUT1, OUT2
8
pF
Operating free-air temperature, TA
–10
40
°C
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
§ Adjustment is required for optimal performance.


유사한 부품 번호 - TC215-50

제조업체부품명데이터시트상세설명
logo
SHENZHEN FUMAN ELECTRON...
TC2151BA FUMAN-TC2151BA Datasheet
210Kb / 4P
   Single function pedometer IC
TC2151BB FUMAN-TC2151BB Datasheet
210Kb / 4P
   Single function pedometer IC
TC2152 FUMAN-TC2152 Datasheet
73Kb / 3P
   Pedometer IC
logo
Panasonic Semiconductor
TC215K-F PANASONIC-TC215K-F Datasheet
1Mb / 21P
   Snap Switches Capable of 15A Switching
TC215N-F PANASONIC-TC215N-F Datasheet
1Mb / 21P
   Snap Switches Capable of 15A Switching
More results

유사한 설명 - TC215-50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com