전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCE813QPWRQ1 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCE813QPWRQ1
상세설명  Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE813QPWRQ1 데이터시트(HTML) 4 Page - Texas Instruments

  CDCE813QPWRQ1 Datasheet HTML 1Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 2Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 3Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 4Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 5Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
CDCE813-Q1
SNAS705 – JANUARY 2017
www.ti.com
Product Folder Links: CDCE813-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
SDA and SCL can go up to 3.6 V as stated in the Recommended Operating Conditions table.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
2.5
V
VDDOUT
Output clocks supply voltage
CDCE813-Q1
–0.5
3.6 + 0.5
V
VI
Input voltage(2)(3)
–0.5
VDD + 0.5
V
VO
Output voltage(2)
–0.5
VDDOUT + 0.5
V
II
Input current (VI < 0, VI > VDD)
20
mA
IO
Continuous output current
50
mA
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1500
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
1.7
1.8
1.9
V
VO
Output Yx supply voltage, VDDOUT
CDCE813-Q1
2.3
3.6
V
VIL
Low-level input voltage, LVCMOS
0.3 × VDD
V
VIH
High-level input voltage, LVCMOS
0.7 × VDD
V
VI(thresh)
Input voltage threshold, LVCMOS
0.5 × VDD
V
VI(S)
Input voltage range, S0
0
1.9
V
Input voltage range S1, S2, SDA, SCL (VI(thresh) = 0.5 VDD)
0
3.6
VI(CLK)
Input voltage range CLK
0
1.9
V
IOH, IOL
Output current
VDDOUT = 3.3 V
±12
mA
VDDOUT = 2.5 V
±10
CL
Output load, LVCMOS
15
pF
TA
Operating ambient temperature
–40
105
°C


유사한 부품 번호 - CDCE813QPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE813QPWRQ1 TI1-CDCE813QPWRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results

유사한 설명 - CDCE813QPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com