전자부품 데이터시트 검색엔진 |
|
UA2-5SNUN-L 데이터시트(PDF) 4 Page - Kemet Corporation |
|
UA2-5SNUN-L 데이터시트(HTML) 4 Page - Kemet Corporation |
4 / 17 page 4 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com R7004_UA2_UB2 • 2/27/2014 Miniature Signal Relays – UA2/UB2 Series Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, leave blank for Non-latch or insert S for Single coil. Designates latch type. 1 Only available as Non-latch. Part Number Nominal Coil Voltage (VDC) Lead Type Packaging UA2-3(1)NU 3 Radial Tube UA2-4.5(1)NU 4.5 Radial Tube UA2-5(1)NU 5 Radial Tube UA2-12(1)NU 12 Radial Tube UA2-24NU1 24 Radial Tube UA2-3NE1 3 Radial, Low power consumption Tube UA2-4.5NE1 4.5 Radial, Low power consumption Tube UA2-5NE1 5 Radial, Low power consumption Tube UB2-3(1)NU 3 Surface mount Tube UB2-4.5(1)NU 4.5 Surface mount Tube UB2-5(1)NU 5 Surface mount Tube UB2-12(1)NU 12 Surface mount Tube UB2-24NU1 24 Surface mount Tube UB2-3NE1 3 Surface mount, Low power consumption Tube UB2-4.5NE1 4.5 Surface mount, Low power consumption Tube UB2-5NE1 5 Surface mount, Low power consumption Tube UB2-3(1)NU-L 3 Surface mount Tape on Reel UB2-4.5(1)NU-L 4.5 Surface mount Tape on Reel UB2-5(1)NU-L 5 Surface mount Tape on Reel UB2-12(1)NU-L 12 Surface mount Tape on Reel UB2-24NU-L1 24 Surface mount Tape on Reel UB2-3NE-L1 3 Surface mount, Low power consumption Tape on Reel UB2-4.5NE-L1 4.5 Surface mount, Low power consumption Tape on Reel UB2-5NE-L1 5 Surface mount, Low power consumption Tape on Reel UB2-3(1)NUN 3 Surface mount, Minimum footprint Tube UB2-4.5(1)NUN 4.5 Surface mount, Minimum footprint Tube UB2-5(1)NUN 5 Surface mount, Minimum footprint Tube UB2-12(1)NUN 12 Surface mount, Minimum footprint Tube UB2-24NUN1 24 Surface mount, Minimum footprint Tube UB2-3NEN1 3 Surface mount, Low power consumption, Minimum Footprint Tube UB2-4.5NEN1 4.5 Surface mount, Low power consumption, Minimum Footprint Tube UB2-5NEN1 5 Surface mount, Low power consumption, Minimum Footprint Tube UB2-3(1)NUN-L 3 Surface mount, Minimum footprint Tape on Reel UB2-4.5(1)NUN-L 4.5 Surface mount, Minimum footprint Tape on Reel UB2-5(1)NUN-L 5 Surface mount, Minimum footprint Tape on Reel UB2-12(1)NUN-L 12 Surface mount, Minimum footprint Tape on Reel UB2-24NUN-L1 24 Surface mount, Minimum footprint Tape on Reel UB2-3NEN-L1 3 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UB2-4.5NEN-L1 4.5 Surface mount, Low power consumption, Minimum Footprint Tape on Reel UB2-5NEN-L1 5 Surface mount, Low power consumption, Minimum Footprint Tape on Reel |
유사한 부품 번호 - UA2-5SNUN-L |
|
유사한 설명 - UA2-5SNUN-L |