전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA2-24SNUN-L 데이터시트(PDF) 11 Page - Kemet Corporation

부품명 UA2-24SNUN-L
상세설명  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

UA2-24SNUN-L 데이터시트(HTML) 11 Page - Kemet Corporation

Back Button UA2-24SNUN-L Datasheet HTML 7Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 8Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 9Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 10Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 11Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 12Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 13Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 14Page - Kemet Corporation UA2-24SNUN-L Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Performance Data cont’d
Breakdown Voltage
(Sample: UA2-5NU, 10 pieces)
Alteration of Voltage in Dense Mounting
(magnetic interference)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm


유사한 부품 번호 - UA2-24SNUN-L

제조업체부품명데이터시트상세설명
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
UA2 NEC-UA2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
List of Unclassifed Man...
UA208 ETC2-UA208 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA208A ETC2-UA208A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

유사한 설명 - UA2-24SNUN-L

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com