전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9363ABCZ-REEL 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9363ABCZ-REEL
상세설명  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ-REEL 데이터시트(HTML) 5 Page - Analog Devices

  AD9363ABCZ-REEL Datasheet HTML 1Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 2Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 3Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 4Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 5Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 6Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 7Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 8Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 5 of 32
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Third-Order Output Intermodulation
Intercept Point
OIP3
18
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−31
dBc
40 dB attenuation
Noise Floor
−154
dBm/Hz
90 MHz offset
Isolation
TX1 to TX2
50
dB
TX2 to TX1
50
dB
1 When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
TX MONITOR INPUTS
(TX_MON1, TX_MON2)
Maximum Input Level
4
dBm
Dynamic Range
66
dB
Accuracy
1
dB
LO SYNTHESIZER
LO Frequency Step
2.4
Hz
2.4 GHz, 40 MHz reference clock
Integrated Phase Noise
0.3
°rms
100 Hz to 100 MHz
REFERENCE CLOCK (REF_CLK)
REF_CLK is the input to the
XTALN pin
Input Frequency Range
10
80
MHz
External oscillator
Input Signal Level
1.3
V p-p
AC-coupled external oscillator
AUXILIARY ADC
Resolution
12
Bits
Input Voltage
Minimum
0.05
V
Maximum
VDDA1P3_BB −
0.05
V
AUXILIARY DAC
Resolution
10
Bits
Output Voltage
Minimum
0.5
V
Maximum
VDD_GPO − 0.3
V
Output Current
10
mA
DIGITAL SPECIFICATIONS
(CMOS)
Logic Inputs
Input Voltage High
VDD_INTERFACE ×
0.8
VDD_INTERFACE
V
Input Voltage Low
0
VDD_INTERFACE ×
0.2
V
Input Current High
−10
+10
μA
Input Current Low
−10
+10
μA
Logic Outputs
Output Voltage High
VDD_INTERFACE ×
0.8
VDD_INTERFACE
V
Output Voltage Low
0
VDD_INTERFACE ×
0.2
V
DIGITAL SPECIFICATIONS (LVDS)
Logic Inputs
Input Voltage Range
825
1575
mV
Each differential input in the
pair
Input Differential Voltage
Threshold
−100
+100
mV


유사한 부품 번호 - AD9363ABCZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

유사한 설명 - AD9363ABCZ-REEL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
logo
Analog Devices
ADUC842 AD-ADUC842 Datasheet
217Kb / 17P
   12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
REV. PrB
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com