전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2795EARWZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM2795EARWZ
상세설명  Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2795EARWZ 데이터시트(HTML) 4 Page - Analog Devices

  ADM2795EARWZ Datasheet HTML 1Page - Analog Devices ADM2795EARWZ Datasheet HTML 2Page - Analog Devices ADM2795EARWZ Datasheet HTML 3Page - Analog Devices ADM2795EARWZ Datasheet HTML 4Page - Analog Devices ADM2795EARWZ Datasheet HTML 5Page - Analog Devices ADM2795EARWZ Datasheet HTML 6Page - Analog Devices ADM2795EARWZ Datasheet HTML 7Page - Analog Devices ADM2795EARWZ Datasheet HTML 8Page - Analog Devices ADM2795EARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADM2795E
Data Sheet
Rev. 0 | Page 4 of 27
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic Outputs
Output Voltage Low
V
OLRxD
0.2
V
I
ORxD = 3.0 mA, VA − VB = −0.2 V
Output Voltage High
V
OHRxD
V
DD1 − 0.2
V
I
ORxD = −3.0 mA, VA − VB = 0.2 V
Short-Circuit Current
100
mA
V
OUT = GND or VDD1, RE = 0 V
Three-State Output Leakage Current
I
OZR
±2
µA
RE = VDD1, RxD = 0 V or VDD1
COMMON-MODE TRANSIENT IMMUNITY2
75
125
kV/µs
V
CM ≥1 kV, transient magnitude
≥800 V
1 V
SC is the short-circuit voltage at the RS-485 A or B bus pin.
2 Common-mode transient immunity is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. V
CM
is the common-mode potential difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The
common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.
TIMING SPECIFICATIONS
VDD1 = 1.7 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, TA = TMIN to TMAX (−40°C to +125°C), unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER1
Maximum Data Rate
2.5
Mbps
Propagation Delay, t
DPLH, tDPHL
30
500
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 29 and Figure 33
Differential Skew, t
SKEW
10
50
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 29 and Figure 33
Rise/Fall Times, t
R, tF
40
130
ns
R
LDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 29 and Figure 33
Enable Time, t
ZH, tZL
500
2500
ns
R
L = 110 Ω, CL = 50 pF, see Figure 30 and Figure 35
Disable Time, t
HZ, tLZ
500
2500
ns
R
L = 110 Ω, CL = 50 pF, see Figure 30 and Figure 35
RECEIVER2
Propagation Delay, t
PLH, tPHL
120
200
ns
C
L = 15 pF, see Figure 31 and Figure 34, 10, VID ≥ ±1.5 V
140
220
ns
C
L = 15 pF, see Figure 31 and Figure 34, VID ≥ ±600 mV
Skew, t
SKEW
4
40
ns
C
L = 15 pF, see Figure 31 and Figure 34, VID ≥ ±1.5 V
Enable Time
10
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 32 and Figure 36
Disable Time
10
50
ns
R
L = 1 kΩ, CL = 15 pF, see Figure 32 and Figure 36
RxD Pulse Width Distortion
40
ns
C
L = 15 pF, see Figure 31 and Figure 34, VID ≥ ±1.5 V
1 See Figure 29 for the definition of R
LDIFF.
2 Receiver propagation delay, skew, and pulse width distortion specifications are tested with a receiver differential input voltage (V
ID) of ≥±600 mV or ≥±1.5 V, as noted.


유사한 부품 번호 - ADM2795EARWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2795EARWZ AD-ADM2795EARWZ Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
ADM2795EARWZ-RL7 AD-ADM2795EARWZ-RL7 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
More results

유사한 설명 - ADM2795EARWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com