전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K1010W 데이터시트(PDF) 4 Page - COSMO Electronics Corporation

부품명 K1010W
상세설명  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K1010W 데이터시트(HTML) 4 Page - COSMO Electronics Corporation

  K1010W_16 Datasheet HTML 1Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 2Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 3Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 4Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 5Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 6Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 7Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 8Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00004.3
- 4 -
http://www.cosmo-ic.com
cosmo
K1010 W Series
LOW INPUT CURRENT
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
K1010 W Model No.
CTR ( % )
K1010 WA
100 ~ 600
K1010 WE
50 ~ 600
Fig.1 Current Transfer Ratio
vs. Forward Current
0 . 5
1
2
1 0
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
7 0 0
8 0 0
0 . 1
5
2 0
T a = 2 5
V
= 5 V
C E
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
Fig.3 Collector Dark Current
vs. Ambient Temperature
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V
=20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
Fig.5 Forward Current
vs. Ambient Temperature
vs. Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.6
-25°
1.4
1.0
0.8
1.2
20
2
5
10
50°
Ta=75°
C
50
100
C
2.2
1.8
2.0
C
C
25°
C
1
0.2
0.5
0.1
0.6
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


유사한 부품 번호 - K1010W_16

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
K1010WA COSMO-K1010WA Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010WE COSMO-K1010WE Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

유사한 설명 - K1010W_16

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com