전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD82C55A 데이터시트(PDF) 9 Page - Harris Corporation

부품명 CD82C55A
상세설명  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

CD82C55A 데이터시트(HTML) 9 Page - Harris Corporation

Back Button CD82C55A Datasheet HTML 5Page - Harris Corporation CD82C55A Datasheet HTML 6Page - Harris Corporation CD82C55A Datasheet HTML 7Page - Harris Corporation CD82C55A Datasheet HTML 8Page - Harris Corporation CD82C55A Datasheet HTML 9Page - Harris Corporation CD82C55A Datasheet HTML 10Page - Harris Corporation CD82C55A Datasheet HTML 11Page - Harris Corporation CD82C55A Datasheet HTML 12Page - Harris Corporation CD82C55A Datasheet HTML 13Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
INTR (Interrupt Request)
A “high” on this output can be used to interrupt the CPU
when and input device is requesting service. INTR is set by
the condition: STB is a “one”, IBF is a “one” and INTE is a
“one”. It is reset by the falling edge of RD. This procedure
allows an input device to request service from the CPU by
simply strobing its data into the port.
INTE A
Controlled by bit set/reset of PC4.
INTE B
Controlled by bit set/reset of PC2.
Output Control Signal Definition
(Figure 8 and 9)
OBF - Output Buffer Full F/F). The OBF output will go “low”
to indicate that the CPU has written data out to be specified
port. This does not mean valid data is sent out of the part at
this time since OBF can go true before data is available.
Data is guaranteed valid at the rising edge of OBF, (See
Note 1). The OBF F/F will be set by the rising edge of the
WR input and reset by ACK input being low.
ACK - Acknowledge Input). A “low” on this input informs the
82C55A that the data from Port A or Port B is ready to be
accepted. In essence, a response from the peripheral device
indicating that it is ready to accept data, (See Note 1).
INTR - (Interrupt Request). A “high” on this output can be
used to interrupt the CPU when an output device has
accepted data transmitted by the CPU. INTR is set when
ACK is a “one”, OBF is a “one” and INTE is a “one”. It is
reset by the falling edge of WR.
INTE A
Controlled by Bit Set/Reset of PC6.
INTE B
Controlled by Bit Set/Reset of PC2.
NOTE:
1. To strobe data into the peripheral device, the user must operate
the strobe line in a hand shaking mode. The user needs to send
OBF to the peripheral device, generates an ACK from the pe-
ripheral device and then latch data into the peripheral device on
the rising edge of OBF.
FIGURE 7. MODE 1 (STROBED INPUT)
tST
STB
INTR
RD
INPUT FROM
IBF
PERIPHERAL
tSIB
tSIT
tPH
tPS
tRIT
tRIB
FIGURE 8. MODE 1 OUTPUT
1
D7
0
D6
1
D5
1
D4
1/0
D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT A)
PC7
8
ACKA
PC6
PA7-PA0
OBFA
INTRA
PC3
PC4, PC5
2
WR
PC4, PC5
1 = INPUT
0 = OUTPUT
1
D7 D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT B)
PC1
8
ACKB
PC2
INTE
B
PB7-PB0
OBFB
INTRB
PC0
WR
10
INTE
A
82C55A


유사한 부품 번호 - CD82C55A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD82C55A INTERSIL-CD82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
CD82C55A-5 INTERSIL-CD82C55A-5 Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
More results

유사한 설명 - CD82C55A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com