전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0708500 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0708500
상세설명  High Speed CMOS Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0708500 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0708500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0708500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Ordering Information
Package Outline Drawing
HCPL-0708 (Small Outline SO-8 Package)
Specify Part Number followed by Option Number (if desired)
Example
HCPL-0708#XXX
060 = VDE0884 Option.
500 = Tape and Reel Packaging Option.
XXX
YWW
87
65
4
3
2
1
PIN
ONE
5.842 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.381 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSG
5.080 ± 0.005
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X 0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
0.152 ± 0.051
(0.006 ± 0.002)
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
*OPTION 500 NOT MARKED.
0.305
(0.012)
MIN.


유사한 부품 번호 - HCPL-0708500

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708 AVAGO-HCPL-0708 Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
More results

유사한 설명 - HCPL-0708500

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
   High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
   HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
   HIGH SPEED OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com