전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74404024330 데이터시트(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74404024330
상세설명  WE-LQS SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74404024330 데이터시트(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74404024330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404024330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404024330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404024330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404024330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404024330 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-LQS of Würth
Elektronik eiSos GmbH & Co. KG:
General:
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQS SMD Power Inductor
ORDER CODE
74404024330
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
2512
002.000
Valid
2016-12-05
eiSos
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74404024330

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744040240016 WURTH-744040240016 Datasheet
648Kb / 6P
   WE-LQS SMT Semi-Shielded Power Inductor
003.001
744040240047 WURTH-744040240047 Datasheet
905Kb / 6P
   WE-LQS SMD Power Inductor
1.2 2014-06-12
744040240068 WURTH-744040240068 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404024010 WURTH-74404024010 Datasheet
419Kb / 6P
   WE-LQS SMD Power Inductor
74404024015 WURTH-74404024015 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
More results

유사한 설명 - 74404024330

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74404086151 WURTH-74404086151 Datasheet
450Kb / 6P
   WE-LQS SMD Power Inductor
74404024015 WURTH-74404024015 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404052220 WURTH-74404052220 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404052470 WURTH-74404052470 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064010 WURTH-74404064010 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064015 WURTH-74404064015 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404024068 WURTH-74404024068 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404043221A WURTH-74404043221A Datasheet
305Kb / 5P
   WE-LQS SMD Power Inductor
74404064680 WURTH-74404064680 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404042100 WURTH-74404042100 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404063047 WURTH-74404063047 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com