전자부품 데이터시트 검색엔진 |
|
2SK2071-01L 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
2SK2071-01L 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited |
2 / 2 page INCHANGE Semiconductor isc website:www.iscsemi.com isc & iscsemi is registered trademark 2 isc N-Channel MOSFET Transistor 2SK2071-01L ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN MAX UNIT V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID= 1.0mA 600 V VGS(th) Gate Threshold Voltage VDS= VGS; ID= 10mA 2.1 4 V RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 1.0A 6.5 Ω IGSS Gate-Body Leakage Current VGS= ±30V;VDS= 0 ± 100 nA IDSS Zero Gate Voltage Drain Current VDS= 600V; VGS= 0 500 μ A VSD Forward On-Voltage IS= 4A; VGS= 0 1.41 V |
유사한 부품 번호 - 2SK2071-01L |
|
유사한 설명 - 2SK2071-01L |