전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02066 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 M02066
상세설명  Bias and modulation current monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M02066 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M02066 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 11Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 12Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 13Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description
02066-DSH-001-D
Mindspeed Technologies
®
8
Preliminary Information / Mindspeed Proprietary and Confidential
3.2
Features
High speed operation; suitable for applications to 3 Gbps.
Typical rise/fall times of 90 ps.
DC or AC coupled modulation drive.
Differential data and clock inputs to minimize pattern dependent jitter.
Independently Programmable Laser Bias and Modulation currents.
Bias current to 100 mA and modulation current to 85 mA at VCC = 3.3 V
Automatic Laser Power Control, with programmable temperature compensation and ‘Slow-Start’.
Bias and modulation current monitor
Operates with +3.3 Volt supply
Functionally compatible with MAX 3869
The M02066-21 and M02066-51 are available in a BCC+24 package. The M02066-82 is available in a TQFP32
package.
Available in RoHS compliant packages


유사한 부품 번호 - M02066

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

유사한 설명 - M02066

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
   Power and Current Monitor
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Texas Instruments
INA190 TI1-INA190_18 Datasheet
652Kb / 31P
[Old version datasheet]   Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
ADL5317 AD-ADL5317 Datasheet
547Kb / 16P
   Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
REV. 0
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com