전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02097-12 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 M02097-12
상세설명  Temperature compensation for modulation current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M02097-12 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  M02097-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
02097-DSH-001-C
Mindspeed Technologies
®
ii
Preliiminary Information/Mindspeed Proprietary and Confidential
M02097 622 Mbps LED Driver Eye Diagram
M02097 Pin Configuration
Ordering Information
Part Number
Package
Operating Temperature
M02097G-11*
QFN32
–40°C to 95°C
M02097G-21*
QFN32
–40°C to 95°C
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information.
Revision History
Revision
Level
Date
ASIC
Revision
Description
C
Preliminary
November 2006
-11/-21
Reflect current device pinout.
B
Advance
August 2006
-11/-21
Update several specifications based on initial device evaluation.
A
Advance
June 2006
NA
Initial Release.
GND
CPB
VCC3T
RxOUTm
RxOUTp
VCCR
VCCT
TCSLOPE
TCSTART
DINp
DINm
VCC3R
STSET
SVCC
OUTN
GNDO
1
2
3
4
5
7
6
8
12
11
10
916
15
14
13
20
19
18
17
24
23
22
21
28
27
26
25
32
31
30
29
OUTP


유사한 부품 번호 - M02097-12

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
More results

유사한 설명 - M02097-12

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com