전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI500D 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI500D
상세설명  Highly reliable startup and operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI500D 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI500D Datasheet HTML 1Page - Silicon Laboratories SI500D Datasheet HTML 2Page - Silicon Laboratories SI500D Datasheet HTML 3Page - Silicon Laboratories SI500D Datasheet HTML 4Page - Silicon Laboratories SI500D Datasheet HTML 5Page - Silicon Laboratories SI500D Datasheet HTML 6Page - Silicon Laboratories SI500D Datasheet HTML 7Page - Silicon Laboratories SI500D Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Si500D
Rev. 1.1
5
Environmental Compliance
Ordering Information
The Si500D supports a variety of options including frequency, output format, supply voltage, and tri-
state/powerdown. Specific device configurations are programmed into the Si500D at time of shipment.
Configurations are specified using the figure below. Silicon Labs provides a web-based part number utility that can
be used to simplify part number configuration. Refer to www.silabs.com/SiliconXOPartnumber to access this tool.
The Si500D XO series is supplied in a ROHS-compliant, Pb-free, 6-pad, 3.2 x 4.0 mm package. Tape and reel
packaging is available as an ordering option.
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002.4
Mechanical Vibration
MIL-STD-883, Method 2007.3 A
Resistance to Soldering Heat
MIL-STD-202, 260 C
° for 8 seconds
Solderability
MIL-STD-883, Method 2003.8
Damp Heat
IEC 68-2-3
Moisture Sensitivity Level
J-STD-020, MSL 3
500D
X
X
Si500
Differential
Oscillator
VDD
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.8
1.8
1.8
1.8
1.8
1.8
Format
LVPECL
Low Power LVPECL
LVDS
HCSL
Dual Output CMOS
Differential CMOS
Dual Output SSTL
Differential SSTL
LVPECL
Low Power LVPECL
LVDS
HCSL
Dual Output CMOS
Differential CMOS
Dual Output SSTL
Differential SSTL
LVDS
HCSL
Dual Output CMOS
Differential CMOS
Dual Output SSTL
Differential SSTL
1st Option Code
2nd Option Code
Stability (ppm, max)
X
XXMXXXX
A
C
X
R
Frequency
xMxxxxx: fOUT < 10 MHz
xxMxxxx: 10 MHz < fOUT < 100 MHz
xxxMxxx: fOUT > 100 MHz
R = Tape & Reel
Blank = Cut-Tape
Product Revision = C
Package
A
3.2 x 4.0 mm SMD
3rd Option Code
Tri-State/Powerdown/
Output Driver Stopped
A
B
C
D
E
F
OE active high/tristate
OE active low/tristate
OE active high/powerdown
OE active low/powerdown
OE active high/driver stopped
OE active low/driver stopped
Oper. Temp Range
F
0 to 70 °C
*H
0 to 85 °C
A
±150
B
±250
*Note: Only +250 ppm is supported.


유사한 부품 번호 - SI500D

제조업체부품명데이터시트상세설명
logo
ifm electronic Ltd.
SI5000 IFM-SI5000 Datasheet
295Kb / 13P
   Operating instructions Flow monitors
SI5001 IFM-SI5001 Datasheet
295Kb / 13P
   Operating instructions Flow monitors
logo
Silicon Laboratories
SI500S SILABS-SI500S Datasheet
79Kb / 6P
   Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
More results

유사한 설명 - SI500D

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
logo
Laird Tech Smart Techno...
WL-3000 LSTD-WL-3000 Datasheet
1Mb / 3P
   Reliable Operation
logo
Amphenol Corporation
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
   Highly reliable, silicon pressure sensor
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
logo
Topstek Inc.
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
Topstek Inc.
THT-6A TOPSTEK-THT-6A Datasheet
90Kb / 2P
   Highly reliable Hall Effect device
TJC-25A TOPSTEK-TJC-25A Datasheet
162Kb / 2P
   Highly reliable Hall Effect device
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com