전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4063 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI4063
상세설명  Highly configurable packet handler
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4063 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI4063 Datasheet HTML 1Page - Silicon Laboratories SI4063 Datasheet HTML 2Page - Silicon Laboratories SI4063 Datasheet HTML 3Page - Silicon Laboratories SI4063 Datasheet HTML 4Page - Silicon Laboratories SI4063 Datasheet HTML 5Page - Silicon Laboratories SI4063 Datasheet HTML 6Page - Silicon Laboratories SI4063 Datasheet HTML 7Page - Silicon Laboratories SI4063 Datasheet HTML 8Page - Silicon Laboratories SI4063 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Si4063/60-C
Rev 1.0
5
Table 2. Synthesizer AC Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Synthesizer Frequency
Range (Si4063/60)
FSYN
850
1050
MHz
350
525
MHz
284
350
MHz
142
175
MHz
Synthesizer Frequency
Resolution2
FRES-960
850–1050 MHz
—28.6
Hz
FRES-525
420–525 MHz
—14.3
Hz
FRES-420
350–420 MHz
—11.4—
Hz
FRES-350
284–350 MHz
—9.5
Hz
FRES-175
142–175 MHz
—4.7
Hz
Synthesizer Settling Time
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO Calibration.
—50—
µs
Phase Noise
L
(f
M)
F = 10 kHz, 169 MHz, High Perf Mode
–117
dBc/Hz
F = 100 kHz, 169 MHz, High Perf Mode
–120
dBc/Hz
F = 1 MHz, 169 MHz, High Perf Mode
–138
dBc/Hz
F = 10 MHz, 169 MHz, High Perf Mode
–148
dBc/Hz
F = 10 kHz, 915 MHz, High Perf Mode
–102
dBc/Hz
F = 100 kHz, 915 MHz, High Perf Mode
–105
dBc/Hz
F = 1 MHz, 915 MHz, High Perf Mode
–125
dBc/Hz
F = 10 MHz, 915 MHz, High Perf Mode
–138
dBc/Hz
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage
and from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise
stated.
2. Default API setting for modulation deviation resolution is double the typical value specified.


유사한 부품 번호 - SI4063

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

유사한 설명 - SI4063

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com