전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4421 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4421
상세설명  Fully integrated
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4421 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4421 Datasheet HTML 6Page - Silicon Laboratories SI4421 Datasheet HTML 7Page - Silicon Laboratories SI4421 Datasheet HTML 8Page - Silicon Laboratories SI4421 Datasheet HTML 9Page - Silicon Laboratories SI4421 Datasheet HTML 10Page - Silicon Laboratories SI4421 Datasheet HTML 11Page - Silicon Laboratories SI4421 Datasheet HTML 12Page - Silicon Laboratories SI4421 Datasheet HTML 13Page - Silicon Laboratories SI4421 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Si4421
10
ELECTRICAL SPECIFICATION
Test Conditions: T
op = 27
o
C; V
dd = Voc = 3.3 V
DC Characteristics
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
Idd_TX_0
Supply current
(TX mode, Pout = 0 dBm)
433 MHz band
15
mA
868 MHz band
16
915 MHz band
17
Idd_TX_PMAX
Supply current
(TX mode, Pout = Pmax)
433 MHz band
22
26
mA
868 MHz band
23
27
915 MHz band
24
28
Idd_RX
Supply current (RX mode)
433 MHz band
11
13
mA
868 MHz band
12
14
915 MHz band
13
15
Ipd
Standby current (Sleep mode)
All blocks disabled
0.3
1
µA
Ilb
Low battery voltage detector current
consumption
0.5
1.7
µA
Iwt
Wake-up timer current consumption
1.5
3.5
µA
Ix
Idle current
Crystal oscillator on (Note 1)
0.6
1.2
mA
Vlb
Low battery detect threshold
Programmable in 0.1 V steps
2.25
3.75
V
Vlba
Low battery detection accuracy
± 3
%
Vil
Digital input low level voltage
0.3·Vdd
V
Vih
Digital input high level voltage
0.7·Vdd
V
Iil
Digital input current
Vil = 0 V
-1
1
µA
Iih
Digital input current
Vih = Vdd, Vdd = 3.8 V
-1
1
µA
Vol
Digital output low level
Iol = 2 mA
0.4
V
Voh
Digital output high level
Ioh = -2 mA
Vdd-0.4
V
Notes are on page 13.


유사한 부품 번호 - SI4421

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 17-Feb-03
logo
VBsemi Electronics Co.,...
SI4421DY-T1-E3 VBSEMI-SI4421DY-T1-E3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY_V01 Datasheet
172Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4421

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
   Fully integrated DECT transceiver
2001 Sep 06
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
NXP Semiconductors
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com