전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4467 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si4467
상세설명  Highly configurable packet handler
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4467 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si4467 Datasheet HTML 3Page - Silicon Laboratories Si4467 Datasheet HTML 4Page - Silicon Laboratories Si4467 Datasheet HTML 5Page - Silicon Laboratories Si4467 Datasheet HTML 6Page - Silicon Laboratories Si4467 Datasheet HTML 7Page - Silicon Laboratories Si4467 Datasheet HTML 8Page - Silicon Laboratories Si4467 Datasheet HTML 9Page - Silicon Laboratories Si4467 Datasheet HTML 10Page - Silicon Laboratories Si4467 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Si4468/7
Rev 1.0
7
RX Sensitivity
915/868 MHz3
PRX_0.1
(BER < 0.1%)
(100 bps, GFSK, BT = 0.5,
f= 100 Hz)
—–132—
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f= 20 kHz)
–109
–107
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f= 50 kHz)
–104
–102
dBm
PRX_500
(BER < 0.1%)
(500 kbps, GFSK, BT = 0.5,
f= 250 kHz)
–97
–92
dBm
PRX_9.6
(PER 1%)
(9.6 kbps, 4GFSK, BT = 0.5,
f=  kHz)
—–109—
dBm
PRX_1M
(PER 1%)
(1 Mbps, 4GFSK, BT = 0.5,
inner deviation = 83.3 kHz)
–88
dBm
PRX_OOK
(BER < 0.1%, 4.8 kbps, 350 kHz BW,
OOK, PN15 data)
–108
–104
dBm
(BER < 0.1%, 40 kbps, 350 kHz BW,
OOK, PN15 data)
–101
–97
dBm
(BER < 0.1%, 120 kbps, 350 kHz BW,
OOK, PN15 data)
–96
–91
dBm
RX Channel Bandwidth
BW
0.2
850
kHz
RSSI Resolution
RESRSSI
Valid from –110 dBm to –90 dBm
±0.5
dB
1-Ch Offset Selectivity,
169 MHz3
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps
F = 1.2 kHz GFSK with BT = 0.5, RX
channel BW = 4.8 kHz,
channel spacing = 12.5 kHz
–69
–59
dB
1-Ch Offset Selectivity,
450 MHz3
C/I1-CH
–60
–50
dB
1-Ch Offset Selectivity,
868 / 915 MHz3
C/I1-CH
–55
–45
dB
Blocking 1 MHz Offset
1MBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER = 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps,
F = 1.2 kHz GFSK with BT = 0.5,
RX channel BW = 4.8 kHz
–79
–68
dB
Blocking 8 MHz Offset
8MBLOCK
–86
–75
dB
Table 3. Receiver AC Electrical Characteristics1,2 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used.
3.
Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.
4.
Conducted emissions measured on RF evaluation boards.


유사한 부품 번호 - Si4467

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4467 SILABS-SI4467 Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
logo
Fairchild Semiconductor
SI4467DY FAIRCHILD-SI4467DY Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

유사한 설명 - Si4467

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com