전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si8261ACC-C-IP 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 Si8261ACC-C-IP
상세설명  Rail-to-rail output voltage
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8261ACC-C-IP 데이터시트(HTML) 4 Page - Silicon Laboratories

  Si8261ACC-C-IP Datasheet HTML 1Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 2Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 3Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 4Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 5Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 6Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 7Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 8Page - Silicon Laboratories Si8261ACC-C-IP Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Si826x
4
Rev. 1.3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
6.5
30
V
Input Current
IF(ON)
(see Figure 1)
6—
30
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics 1
VDD =15V or 30 V, GND=0V, IF =6mA, TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Parameters
Supply Voltage2
VDD
(VDD – GND)
6.5
30
V
Supply Current (Output High)
IDD
IF =10mA
VDD =15V
VDD =30V
1.8
2.0
2.4
2.7
mA
mA
Supply Current (Output Low)
IDD
VF =0V; IF =0 mA
VDD =15V
VDD =30V
1.5
1.7
2.1
2.4
mA
mA
Input Current Threshold
IF(TH)
——
3.6
mA
Input Current Hysteresis
IHYS
—0.34
mA
Input Forward Voltage (OFF)
VF(OFF)
Measured at ANODE with
respect to CATHODE.
——
1
V
Input Forward Voltage (ON)
VF(ON)
Measured at ANODE with
respect to CATHODE.
1.6
2.8
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
Output Resistance High
(Source)3
ROH
Si826xAxx devices
15
Si826xBxx devices (IOH =-1A)
2.6
5.1
Output Resistance Low (Sink)3
ROL
Si826xAxx devices
5
Si826xBxx devices (IOL =2A)
0.8
2.0
Notes:
1.
See "8.Ordering Guide" on page 23 for more information.
2.
Minimum value of (VDD - GND) decoupling capacitor is 1 µF.
3.
Both VO pins are required to be shorted together for 4.0 A compliance.
4.
When performing this test, it is recommended that the DUT be soldered down to the PCB to reduce parasitic
inductances, which may cause over-stress conditions due to excessive ringing.
5.
Guaranteed by characterization.


유사한 부품 번호 - Si8261ACC-C-IP

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8261ACC-C-IP SKYWORKS-SI8261ACC-C-IP Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

유사한 설명 - Si8261ACC-C-IP

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com