전자부품 데이터시트 검색엔진 |
|
Si8273DB-IS1 데이터시트(PDF) 2 Page - Silicon Laboratories |
|
Si8273DB-IS1 데이터시트(HTML) 2 Page - Silicon Laboratories |
2 / 43 page 1. Ordering Guide Table 1.1. Si827x Ordering Guide Ordering Part Number Inputs Driver Configuration Output UVLO Integrated Deglitcher Dead Time Adjustable Range Low Jitter Package Isolation Rating Products Available Now Si8271AB-IS VI Single 5 N N/A Y SOIC-8 NB 2.5 kVrms Si8271BB-IS VI Single 8 N N/A Y SOIC-8 NB 2.5 kVrms Si8271DB-IS VI Single 12 N N/A Y SOIC-8 NB 2.5 kVrms Si8271GB-IS VI Single 3 N N/A Y SOIC-8 NB 2.5 kVrms Si8273AB-IS1 VIA/VIB HS/LS 5 N N/A Y SOIC-16 NB 2.5 kVrms Si8273ABD-IS1 VIA/VIB HS/LS 5 Y N/A N SOIC-16 NB 2.5 kVrms Si8273AB-IM VIA/VIB HS/LS 5 N N/A Y 5x5mm LGA-14 2.5 kVrms Si8273ABD-IM VIA/VIB HS/LS 5 Y N/A N 5x5mm LGA-14 2.5 kVrms Si8273DB-IS1 VIA/VIB HS/LS 12 N N/A Y SOIC-16 NB 2.5 kVrms Si8273DBD-IS1 VIA/VIB HS/LS 12 Y N/A N SOIC-16 NB 2.5 kVrms Si8273GB-IS1 VIA/VIB HS/LS 3 N N/A Y SOIC-16 NB 2.5 kVrms Si8273GBD-IS1 VIA/VIB HS/LS 3 Y N/A N SOIC-16 NB 2.5 kVrms Si8273BB-IS1 VIA/VIB HS/LS 8 N N/A Y SOIC-16 NB 2.5 kVrms Si8273BBD-IS1 VIA/VIB HS/LS 8 Y N/A N SOIC-16 NB 2.5 kVrms Si8274AB1-IS1 PWM HS/LS 5 N 10-200 Y SOIC-16 NB 2.5 kVrms Si8274AB4D-IS1 PWM HS/LS 5 Y 20-700 N SOIC-16 NB 2.5 kVrms Si8274AB1-IM PWM HS/LS 5 N 10-200 Y 5x5mm LGA-14 2.5 kVrms Si8274AB4D-IM PWM HS/LS 5 Y 20-700 N 5x5mm LGA-14 2.5 kVrms Si8274BB1-IS1 PWM HS/LS 8 N 10-200 Y SOIC-16 NB 2.5 kVrms Si8274DB1-IS1 PWM HS/LS 12 N 10-200 Y SOIC-16 NB 2.5 kVrms Si8274GB1-IS1 PWM HS/LS 3 N 10-200 Y SOIC-16 NB 2.5 kVrms Si8274GB4D-IS1 PWM HS/LS 3 Y 20-700 N SOIC-16 NB 2.5 kVrms Si8274GB1-IM PWM HS/LS 3 N 10-200 Y 5x5mm LGA-14 2.5 kVrms Si8274GB4D-IM PWM HS/LS 3 Y 20-700 N 5x5mm LGA-14 2.5 kVrms Si8275GB-IS1 VIA/VIB Dual 3 N N/A Y SOIC-16 NB 2.5 kVrms Si8275GBD-IS1 VIA/VIB Dual 3 Y N/A N SOIC-16 NB 2.5 kVrms Si8275AB-IM VIA/VIB Dual 5 N N/A Y 5x5mm LGA-14 2.5 kVrms Si827x Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Preliminary Rev. 0.5 | 1 |
유사한 부품 번호 - Si8273DB-IS1 |
|
유사한 설명 - Si8273DB-IS1 |