전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4463 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4463
상세설명  HIGH-PERFORMANCE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 6Page - Silicon Laboratories SI4463 Datasheet HTML 7Page - Silicon Laboratories SI4463 Datasheet HTML 8Page - Silicon Laboratories SI4463 Datasheet HTML 9Page - Silicon Laboratories SI4463 Datasheet HTML 10Page - Silicon Laboratories SI4463 Datasheet HTML 11Page - Silicon Laboratories SI4463 Datasheet HTML 12Page - Silicon Laboratories SI4463 Datasheet HTML 13Page - Silicon Laboratories SI4463 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Si4463/61/60-C
10
Rev 1.0
Output Power Variation
(Si4463)
At 20 dBm PA power setting, 915 MHz,
Class E match, 3.3 V, 25 °C
19
20
21
dBm
Output Power Variation
(Si4460)
At 10 dBm PA power setting, 915 MHz,
Class E match, 3.3 V, 25 °C
910
11
dBm
Output Power Variation
(Si4463)
At 20 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
18.5
20
21
dBm
Output Power Variation
(Si4460)
At 10 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
9.5
10
10.5
dBm
TX RF Output Steps
PRF_OUT
Using switched current match within
6 dB of max power using CLE match
within 6 dB of max power
0.25
0.4
dB
TX RF Output Level
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
2.3
3
dB
TX RF Output Level
Variation vs. Frequency
PRF_FREQ
Measured across 902–928 MHz
0.6
1.7
dB
Transmit Modulation
Filtering
BT
Gaussian Filtering Bandwith Time
Product
—0.5
Table 4. Transmitter AC Electrical Characteristics (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula: Maximum Symbol
Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3.
Default API setting for modulation deviation resolution is double the typical value specified.
4.
Output power is dependent on matching components and board layout.


유사한 부품 번호 - SI4463

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4463 SILABS-Si4463 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
Si4463 SILABS-Si4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

유사한 설명 - SI4463

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com