전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7053 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 Si7053
상세설명  Thermostats
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7053 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button Si7053 Datasheet HTML 7Page - Silicon Laboratories Si7053 Datasheet HTML 8Page - Silicon Laboratories Si7053 Datasheet HTML 9Page - Silicon Laboratories Si7053 Datasheet HTML 10Page - Silicon Laboratories Si7053 Datasheet HTML 11Page - Silicon Laboratories Si7053 Datasheet HTML 12Page - Silicon Laboratories Si7053 Datasheet HTML 13Page - Silicon Laboratories Si7053 Datasheet HTML 14Page - Silicon Laboratories Si7053 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Si7050/1/3/4/5-A20
Rev. 1.14
11
4. Functional Description
Figure 3. Si705x Block Diagram
The Si705x Digital Temperature Sensors offer industry-leading low power consumption and high accuracy across
the entire operating voltage and temperature range. These monolithic CMOS ICs feature a band-gap temperature
sensor element, an analog-to-digital converter with up to 14-bit resolution, signal processing, calibration data, and
an I2C interface. The patented use of novel signal processing and analog design enables the sensors to maintain
their accuracy over a wide temperature and voltage range, while consuming very little current.
The temperature sensors are factory-calibrated and the calibration data is stored in the on-chip non-volatile
memory. This ensures that the sensors are fully interchangeable, with no recalibration or software changes
required.
The Si705x devices are available in a 3x3 mm DFN package, and the industry-standard I2C interface can operate
at up to 400 kHz. Requiring just 195nA of average current when sampled once per second, the Si705x can operate
for several years with just a single coin cell battery.
The Si705x devices offer an accurate, low-power, factory-calibrated digital solution ideal for measuring
temperature in applications ranging from HVAC/R and asset tracking to industrial and consumer platforms.
ADC
GND
SCL
Si705x
Temp
Sensor
SDA
Vdd
I2C Interface
1.25V
Ref
Voltage
Regulator
Calibration
Memory
Control Logic


유사한 부품 번호 - Si7053

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7053-A20 SILABS-SI7053-A20 Datasheet
361Kb / 26P
   IC TEMPERATURE SENSORS
Si7053-A20-IM SILABS-Si7053-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7053-A20-IM SILABS-SI7053-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7053-A20-IMR SILABS-Si7053-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7053-A20-IMR SILABS-SI7053-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
More results

유사한 설명 - Si7053

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com