전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7054 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 Si7054
상세설명  Thermostats
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7054 데이터시트(HTML) 1 Page - Silicon Laboratories

  Si7054 Datasheet HTML 1Page - Silicon Laboratories Si7054 Datasheet HTML 2Page - Silicon Laboratories Si7054 Datasheet HTML 3Page - Silicon Laboratories Si7054 Datasheet HTML 4Page - Silicon Laboratories Si7054 Datasheet HTML 5Page - Silicon Laboratories Si7054 Datasheet HTML 6Page - Silicon Laboratories Si7054 Datasheet HTML 7Page - Silicon Laboratories Si7054 Datasheet HTML 8Page - Silicon Laboratories Si7054 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev. 1.14 7/16
Copyright © 2016 by Silicon Laboratories
Si7050/1/3/4/5-A20
Si7050/1/3/4/5-A20
I 2C TEMPERATURE S ENSORS
Features
Applications
Description
The Si705x Digital Temperature Sensors offer industry-leading low power
consumption and high accuracy across the entire operating voltage and
temperature range. These monolithic CMOS ICs feature a band-gap
temperature sensor element, an analog-to-digital converter with up to 14-
bit resolution, signal processing, calibration data, and an I2C interface.
The patented use of novel signal processing and analog design enables
the sensors to maintain their accuracy over a wide temperature and
voltage range, while consuming very little current.
The temperature sensors are factory-calibrated and the calibration data is
stored in the on-chip non-volatile memory. This ensures that the sensors
are fully interchangeable, with no recalibration or software changes
required.
The Si705x devices are available in a 3x3 mm DFN package, and the
industry-standard I2C interface can operate at up to 400 kHz. Requiring
just 195 nA of average current when sampled once per second, the
Si705x can operate for several years with just a single coin cell battery.
The Si705x devices offer an accurate, low-power, factory-calibrated
digital solution ideal for measuring temperature in applications ranging
from HVAC/R and asset tracking to industrial and consumer platforms.
High Accuracy Temperature
Sensors

Si7051: ±0.1 °C (max)

Si7053: ±0.3 °C (max)

Si7054: ±0.4 °C (max)

Si7055: ±0.5 °C (max)

Si7050: ±1.0 °C (max)
Wide operating voltage
(1.9 to 3.6 V)
–40 to +125 °C operating range
Accuracy maintained over the
entire operating temperature and
voltage range
Low Power Consumption

195 nA average current @ 1 Hz
sample rate
14-bit resolution
Factory calibrated
I2C interface
3x3 mm DFN package
HVAC/R
Thermostats
White goods
Computer equipment
Portable consumer devices
Asset tracking
Cold chain storage
Battery protection
Industrial controls
Medical equipment
Patent Protected. Patents pending
Ordering Information:
See page 19.
Pin Assignments
Top View
1
DNC
2
3
6
5
4
VDD
SCL
SDA
GND
DNC


유사한 부품 번호 - Si7054

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7054-A20 SILABS-SI7054-A20 Datasheet
361Kb / 26P
   IC TEMPERATURE SENSORS
Si7054-A20-IM SILABS-Si7054-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7054-A20-IM SILABS-SI7054-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7054-A20-IMR SILABS-Si7054-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7054-A20-IMR SILABS-SI7054-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
More results

유사한 설명 - Si7054

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com