전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53112-A03A 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 SI53112-A03A
상세설명  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53112-A03A 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button SI53112-A03A Datasheet HTML 3Page - Silicon Laboratories SI53112-A03A Datasheet HTML 4Page - Silicon Laboratories SI53112-A03A Datasheet HTML 5Page - Silicon Laboratories SI53112-A03A Datasheet HTML 6Page - Silicon Laboratories SI53112-A03A Datasheet HTML 7Page - Silicon Laboratories SI53112-A03A Datasheet HTML 8Page - Silicon Laboratories SI53112-A03A Datasheet HTML 9Page - Silicon Laboratories SI53112-A03A Datasheet HTML 10Page - Silicon Laboratories SI53112-A03A Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Si53112-A03A
Rev. 1.0
7
Additive Phase Jitter
Bypass Mode
PCIe Gen 11,2,3
—10—
ps
PCIe Gen2 Low Band
F < 1.5 MHz1,3,4,5
—1.2
ps
(RMS)
PCIe Gen2 High Band
1.5 MHz < F < Nyquist1,3,4,5
—1.3
ps
(RMS)
PCIe Gen3
(PLL BW 2–4 MHz, CDR = 10 MHz)1,3,4,5
—0.25—
ps
(RMS)
PCIe Gen 4, Common Clock
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)1,4,5,8
—0.25—
ps
(RMS)
Intel QPI & Intel® SMI
(4.8 Gbps or 6.4 Gb/s, 100 or 133 MHz, 12 UI)1,6,7
—0.12—
ps
(RMS)
Intel QPI & Intel® SMI
(8 Gb/s, 100 MHz, 12 UI)1,6
—0.1
ps
(RMS)
Intel QPI & Intel® SMI
(9.6 Gb/s, 100 MHz, 12 UI)1,6
—0.09—
ps
(RMS)
Table 4. Phase Jitter (Continued)
Notes:
1.
Post processed evaluation through Intel supplied Matlab* scripts. Defined for a BER of 1E-12. Measured values at a
smaller sample size have to be extrapolated to this BER target.
2.
ζ = 0.54 implies a jitter peaking of 3 dB.
3.
PCIe* Gen3 filter characteristics are subject to final ratification by PCISIG. Check the PCI-SIG for the latest
specification.
4.
Measured on 100 MHz PCIe output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
5.
Measured on 100 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
6.
Measured on 100 MHz, 133 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
7.
These jitter numbers are defined for a BER of 1E-12. Measured numbers at a smaller sample size have to be
extrapolated to this BER target.
8.
Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
9.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


유사한 부품 번호 - SI53112-A03A

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

유사한 설명 - SI53112-A03A

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com